Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC-ALH364 Datasheet (PDF) - Analog Devices

HMC-ALH364 Datasheet PDF - Analog Devices
Part # HMC-ALH364
Download  HMC-ALH364 Download
File Size   260.51 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER

HMC-ALH364 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-ALH364 Datasheet PDF - Analog Devices

Part # HMC-ALH364
Download  HMC-ALH364 Click to download

File Size   260.51 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs HEMT MMIC LOW NOISE AMPLIFIER

HMC-ALH364 Datasheet (HTML) - Analog Devices


HMC-ALH364 Product details

General Description
The HMC-ALH364 is a GaAs MMIC HEMT three stage, self-biased Low Noise Amplifi er die which operates between 24 and 32 GHz. The amplifi er provides 21 dB of gain, a 2 dB noise fi gure and +7 dBm of output power at 1 dB gain compression while requiring only 68 mA from a single +5V supply. The HMC-ALH364 amplifi er die is ideal for integration into Multi-Chip-Modules (MCMs) due to its small size (1.09)mm2.

Features
   Excellent Noise Figure: 2 dB
   Gain: 21 dB
   P1dB Output Power: +7 dBm
   Supply Voltage: +5V @ 68 mA
   Die Size: 1.49 x 0.73 x 0.1 mm

Typical Applications
This HMC-ALH364 is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios
• VSAT
• SATCOM




Similar Part No. - HMC-ALH364

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
HMC-ALH364 HITTITE-HMC-ALH364_09 Datasheet
180Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER, 24 - 32 GHz
More results


Similar Description - HMC-ALH364

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC504LC4B AD-HMC504LC4B Datasheet
371Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH140 AD-HMC-ALH140 Datasheet
269Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH216 AD-HMC-ALH216 Datasheet
275Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH244 AD-HMC-ALH244 Datasheet
276Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH313 AD-HMC-ALH313 Datasheet
270Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH369 AD-HMC-ALH369 Datasheet
565Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH376 AD-HMC-ALH376 Datasheet
260Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH435 AD-HMC-ALH435 Datasheet
295Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH445 AD-HMC-ALH445 Datasheet
334Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
HMC-ALH476 AD-HMC-ALH476 Datasheet
273Kb / 6P
GaAs HEMT MMIC LOW NOISE AMPLIFIER
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com