Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LME1215SC Datasheet (PDF) - Murata Power Solutions Inc.

LME1215SC Datasheet PDF - Murata Power Solutions Inc.
Part # LME1215SC
Download  LME1215SC Download
File Size   142.07 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 250mW Single Output DC-DC Converters

LME1215SC Datasheet (PDF)

Go To PDF Page Download Datasheet
LME1215SC Datasheet PDF - Murata Power Solutions Inc.

Part # LME1215SC
Download  LME1215SC Click to download

File Size   142.07 Kbytes
Page   4 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Isolated 250mW Single Output DC-DC Converters

LME1215SC Datasheet (HTML) - Murata Power Solutions Inc.




Similar Part No. - LME1215SC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LME1215SC MURATA-LME1215SC Datasheet
183Kb / 4P
Isolated 250mW Single Output DC/DC Converters
LME1215SC MURATA-LME1215SC Datasheet
183Kb / 4P
LME Series Isolated 250mW Single Output DC/DC Converters
More results


Similar Description - LME1215SC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
LME CANDD-LME Datasheet
168Kb / 2P
Isolated 250mW Single Output DC-DC Converters
NME CANDD-NME Datasheet
120Kb / 2P
Isolated 1W Single Output DC-DC Converters
NML CANDD-NML Datasheet
100Kb / 2P
Isolated 2W Single Output DC-DC Converters
logo
Murata Manufacturing Co...
KDC_NDTS MURATA-KDC_NDTS Datasheet
158Kb / 6P
Isolated 3W Single Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
Isolated 2W Single Output DC/DC Converters
LME0505DC MURATA-LME0505DC Datasheet
183Kb / 4P
Isolated 250mW Single Output DC/DC Converters
LME0305SC MURATA-LME0305SC Datasheet
183Kb / 4P
LME Series Isolated 250mW Single Output DC/DC Converters
NPH15S2405IC MURATA-NPH15S2405IC Datasheet
254Kb / 8P
Isolated 15W Single Output DC/DC Converters
logo
Murata Power Solutions ...
CME MURATA-PS-CME Datasheet
361Kb / 11P
Isolated 0.75W Single Output Isolated DC/DC Converters
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
Isolated 1W Single Output Isolated DC-DC Converters
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com