Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5226IRZ Datasheet (PDF) - Renesas Technology Corp

EL5226IRZ Datasheet PDF - Renesas Technology Corp
Part # EL5226IRZ
Download  EL5226IRZ Download
File Size   673.12 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10- and 12-Channel TFT-LCD Reference Voltage Generators

EL5226IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5226IRZ Datasheet PDF - Renesas Technology Corp

Part # EL5226IRZ
Download  EL5226IRZ Click to download

File Size   673.12 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10- and 12-Channel TFT-LCD Reference Voltage Generators

EL5226IRZ Datasheet (HTML) - Renesas Technology Corp


EL5226IRZ Product details

The EL5226 and EL5326 are designed to produce the reference voltages required in TFT-LCD applications. Each output is programmed to the required voltage with 10 bits of resolution. Reference pins determine the high and low voltages of the output range, which are capable of swinging to either supply rail. Programming of each output is performed using the I2C serial interface.

Features
• 10- to 12-channel reference outputs
• Accuracy of ±1%
• Supply voltage of 5V to 16.5V
• Digital supply 3.3V to 5V
• Low supply current of 10mA
• Rail-to-rail capability
• Pb-Free available (RoHS compliant)

Applications
• TFT-LCD drive circuits
• Reference voltage generators




Similar Part No. - EL5226IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5226IRZ INTERSIL-EL5226IRZ Datasheet
398Kb / 12P
10- and 12-Channel TFT-LCD Reference Voltage Generators
May 9, 2005
EL5226IRZ-T13 INTERSIL-EL5226IRZ-T13 Datasheet
398Kb / 12P
10- and 12-Channel TFT-LCD Reference Voltage Generators
May 9, 2005
EL5226IRZ-T7 INTERSIL-EL5226IRZ-T7 Datasheet
398Kb / 12P
10- and 12-Channel TFT-LCD Reference Voltage Generators
May 9, 2005
More results


Similar Description - EL5226IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
EL5326 INTERSIL-EL5326 Datasheet
398Kb / 12P
10- and 12-Channel TFT-LCD Reference Voltage Generators
May 9, 2005
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5325 INTERSIL-EL5325 Datasheet
775Kb / 11P
12-Channel TFT-LCD Reference Voltage Generator
March 5, 2004
EL5325A INTERSIL-EL5325A Datasheet
797Kb / 11P
12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
April 28, 2004
EL5325A INTERSIL-EL5325A_06 Datasheet
851Kb / 12P
12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
May 8, 2006
logo
Renesas Technology Corp
EL5126 RENESAS-EL5126 Datasheet
697Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
EL5225 RENESAS-EL5225 Datasheet
1Mb / 12P
10-Channel TFT-LCD Reference Voltage Generator
EL5325A RENESAS-EL5325A Datasheet
1Mb / 12P
12-Channel TFT-LCD Reference Voltage Generator with External Shutdown
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com