Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1171 Datasheet (PDF) - Renesas Technology Corp

HI1171 Datasheet PDF - Renesas Technology Corp
Part # HI1171
Download  HI1171 Download
File Size   382.36 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 40 MSPS, High Speed D/A Converter

HI1171 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1171 Datasheet PDF - Renesas Technology Corp

Part # HI1171
Download  HI1171 Click to download

File Size   382.36 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 40 MSPS, High Speed D/A Converter

HI1171 Datasheet (HTML) - Renesas Technology Corp


HI1171 Product details

Description
The HI1171 is an 8-bit, 40MHz, high speed D/A converter. The converter incorporates an 8-bit input data register with blanking capability, and current outputs. The HI1171 features low glitch outputs. The architecture is a current cell arrangement to provide low linearity errors.
The HI1171 is available in an Industrial temperature range and is offered in a 24 lead (200 mil) SOIC plastic package. For dual version, please refer to the HI1177 Data Sheet. For triple version, please refer to the HI1178 Data Sheet.

Features
• Throughput Rate. . . . . . . . . . . . . . . . . . . . . . . . . . 40MHz
• Resolution . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .8-Bit
• Integral Linearity Error. . . . . . . . . . . . . . . . . . . 0.25 LSB
• Low Glitch Noise
• Single Supply Operation . . . . . . . . . . . . . . . . . . . . . +5V
• Low Power Consumption (Max) . . . . . . . . . . . . . 80mW
• Evaluation Board Available (HI1171-EV)
• Direct Replacement for the Sony CXD1171

Applications
• Wireless Telecommunications
• Signal Reconstruction
• Direct Digital Synthesis
• Imaging
• Presentation and Broadcast Video
• Graphics Displays
• Signal Generators




Similar Part No. - HI1171

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
HI1171 INTERSIL-HI1171 Datasheet
119Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
October 26, 2005
HI1171-EV INTERSIL-HI1171-EV Datasheet
42Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
HI1171-EV INTERSIL-HI1171-EV Datasheet
119Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
October 26, 2005
HI1171JCB INTERSIL-HI1171JCB Datasheet
42Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
More results


Similar Description - HI1171

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
logo
Analog Devices
AD9057 AD-AD9057 Datasheet
184Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI1171 INTERSIL-HI1171 Datasheet
42Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
August 1997
HI1171 INTERSIL-HI1171_05 Datasheet
119Kb / 7P
8-Bit, 40 MSPS, High Speed D/A Converter
October 26, 2005
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
Video A/D Converter 8 bit, 40 Msps
logo
Analog Devices
AD9057 AD-AD9057_03 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-60 AD-AD9057BRSZ-60 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-80 AD-AD9057BRSZ-80 Datasheet
172Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057BRSZ-40 AD-AD9057BRSZ-40 Datasheet
286Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
AD9057 AD-AD9057_15 Datasheet
360Kb / 12P
8-Bit 40 MSPS/60 MSPS/80 MSPS A/D Converter
REV. D
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com