Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5662 Datasheet (PDF) - Renesas Technology Corp

HI5662 Datasheet PDF - Renesas Technology Corp
Part # HI5662
Download  HI5662 Download
File Size   693.77 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference

HI5662 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5662 Datasheet PDF - Renesas Technology Corp

Part # HI5662
Download  HI5662 Click to download

File Size   693.77 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference

HI5662 Datasheet (HTML) - Renesas Technology Corp


HI5662 Product details

The HI5662 is a monolithic, dual 8-Bit, 60MSPS analog-todigital converter fabricated in an advanced CMOS process. It is designed for high speed applications where integration, bandwidth and accuracy are essential. The HI5662 reaches a new level of multi-channel integration. The fully pipeline architecture and an innovative input stage enable the HI5662 to accept a variety of input configurations, single ended or fully differential.

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . 60MSPS
• 7.8 Bits at fIN = 10MHz
• Low Power at 60MSPS . . . . . . . . . . . . . . . . . . . . 650mW
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• Excellent Channel-to-Channel Isolation . . . . . . . . . .>75dB
• On-Chip Sample and Hold Amplifiers
• Internal Band-Gap Voltage Reference . . . . . . . . . . . . 2.5V
• Fully Differential or Single-Ended Analog Inputs
• Single Supply Voltage Operation . . . . . . . . . . . . . . . . .+5V
• TTL/CMOS Compatible Digital Inputs
• CMOS Compatible Digital Outputs. . . . . . . . . . . . 3.0/5.0V
• Offset Binary Digital Data Output Format
• Dual 8-Bit A/D Converters on a Monolithic Chip

Applications
• Wireless Local Loop
• PSK and QAM I and Q Demodulators
• Medical Imaging
• High Speed Data Acquisition




Similar Part No. - HI5662

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5662/6IN INTERSIL-HI5662/6IN Datasheet
130Kb / 14P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5662EVAL2 INTERSIL-HI5662EVAL2 Datasheet
130Kb / 14P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
More results


Similar Description - HI5662

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
02 1999
ISL5640 INTERSIL-ISL5640 Datasheet
92Kb / 11P
3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
June 2000
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
March 30, 2005
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
January 22, 2010
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com