Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5812 Datasheet (PDF) - Renesas Technology Corp

HI5812 Datasheet PDF - Renesas Technology Corp
Part # HI5812
Download  HI5812 Download
File Size   1210.27 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold

HI5812 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5812 Datasheet PDF - Renesas Technology Corp

Part # HI5812
Download  HI5812 Click to download

File Size   1210.27 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold

HI5812 Datasheet (HTML) - Renesas Technology Corp


HI5812 Product details

CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold

The HI5812 is a fast, low power, 12-bit, successive approximation analog-to-digital converter. It can operate from a single 3V to 6V supply and typically draws just 1.9mA when operating at 5V. The HI5812 features a built-in track and hold. The conversion time is as low as 20s with a 5V supply.

Features
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 20μs
• Throughput Rate . . . . . . . . . . . . . . . . . . . . . . . . 50 kSPS
• Built-In Track and Hold
• Guaranteed No Missing Codes Over Temperature
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . .+5V
• Maximum Power Consumption . . . . . . . . . . . . . . . 25mW
• Internal or External Clock
• Pb-Free Available (RoHS Compliant)

Applications
• Remote Low Power Data Acquisition Systems
• Digital Audio
• DSP Modems
• General Purpose DSP Front End
• μP Controlled Measurement System
• Professional Audio Positioner/Fader




Similar Part No. - HI5812

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
1997 08
HI5812 INTERSIL-HI5812 Datasheet
365Kb / 16P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
March 31, 2005
HI5812JIB INTERSIL-HI5812JIB Datasheet
427Kb / 13P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
1997 08
HI5812JIB INTERSIL-HI5812JIB Datasheet
365Kb / 16P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
March 31, 2005
HI5812JIBZ INTERSIL-HI5812JIBZ Datasheet
365Kb / 16P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
March 31, 2005
More results


Similar Description - HI5812

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
08 1997
HI5812 INTERSIL-HI5812 Datasheet
427Kb / 13P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
1997 08
HI5813 INTERSIL-HI5813 Datasheet
153Kb / 11P
CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
1997 08
logo
Maxim Integrated Produc...
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
CMOS 10-Bit A/D Converter with Track-and-Hold
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
CMOS, 10-Bit, A/D Converters with Internal Track and Hold
May 2001
HI5812 INTERSIL-HI5812_05 Datasheet
365Kb / 16P
CMOS 20 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
March 31, 2005
HI5810 INTERSIL-HI5810_01 Datasheet
762Kb / 13P
CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
May 2001
HI5813 INTERSIL-HI5813_01 Datasheet
476Kb / 12P
CMOS 3.3V, 25 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
May 2001
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com