Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE78L05 Datasheet (PDF) - List of Unclassifed Manufacturers

SE78L05 Datasheet PDF - List of Unclassifed Manufacturers
Part # SE78L05
Download  SE78L05 Download
File Size   164.77 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5V POSITIVE VOLTAGE REGULATOR

SE78L05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SE78L05 Datasheet PDF - List of Unclassifed Manufacturers

Part # SE78L05
Download  SE78L05 Click to download

File Size   164.77 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 5V POSITIVE VOLTAGE REGULATOR

SE78L05 Datasheet (HTML) - List of Unclassifed Manufacturers


SE78L05 Product details

[Seaward Electronics, Inc.]

Description
The SE78L05 is three-terminal positive regulator. The SE78L05 can be used as Zener diode/resistor combination replacement. It offers an effective output impedance improvement of two orders of magnitude, and lower quiescent current. This fixed voltage regulators can provide local or on-card regulation for elimination of noise and distribution problems associated with single point regulation. It is an excellent solution to the stereo power supply on PC main board.

Features
➤ Output voltage of 5.0V (Typ.)
➤ Output current up to 150mA (Typ.)
➤ Minimum external components.
➤ Output voltage tolerances of ±4%
➤ ESD rating is 2.7KV (Per MIL-STD-883D).

Application
➤ Sound card on PC main board.
➤ DVD-ROM, CD-ROM.
➤ Networking Equipments.




Similar Part No. - SE78L05

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
5V Positive Voltage Regulator
More results


Similar Description - SE78L05

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1934 NTE-NTE1934 Datasheet
22Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE1934X NTE-NTE1934X Datasheet
21Kb / 2P
Integrated Circuit Positive Voltage Regulator, 5V, 2A
NTE931 NTE-NTE931 Datasheet
24Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 3A
NTE932 NTE-NTE932 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator 5V, 5A
NTE960 NTE-NTE960 Datasheet
25Kb / 2P
Integrated Circuit 3-Terminal Positive Voltage Regulator, 5V
logo
Fairchild Semiconductor
MC78L05AB FAIRCHILD-MC78L05AB Datasheet
38Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
logo
Seaward Electronics Inc...
SE78L05D SEAWARD-SE78L05D Datasheet
166Kb / 5P
5V Positive Voltage Regulator
logo
Fairchild Semiconductor
KA78L05AI FAIRCHILD-KA78L05AI Datasheet
59Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
MC78L05AB FAIRCHILD-MC78L05AB_12 Datasheet
51Kb / 6P
3-Terminal 0.1A 5V Positive Voltage Regulator
logo
ACE Technology Co., LTD...
ACE78L05S ACE-ACE78L05S Datasheet
409Kb / 6P
5V 3-Terminal Positive Voltage Regulator
VER1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com