Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U62H64 Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

U62H64 Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # U62H64
Download  U62H64 Download
File Size   163.33 Kbytes
Page   9 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description AUTOMOTIVE FAST 8K X 8 SRAM

U62H64 Datasheet (PDF)

Go To PDF Page Download Datasheet
U62H64 Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # U62H64
Download  U62H64 Click to download

File Size   163.33 Kbytes
Page   9 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description AUTOMOTIVE FAST 8K X 8 SRAM

U62H64 Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


U62H64 Product details

Description
The U62H64 is a static RAM manufactured using a CMOS process technology with the following operating modes:
    - Read - Standby
    - Write - Data Retention
The memory array is based on a 6-transistor cell

Features
❐ Fast 8192 x 8 bit static CMOS RAM
❐ 20 ns, 25 ns, 35 ns Access Times
❐ Bidirectional data inputs and data outputs
❐ Three-state outputs
❐ Data retention current at 3 V: < 10 µA (standard)
❐ Standby current standard < 30 µA
❐ Standby current low power (L) < 5 µA
❐ TTL/CMOS-compatible
❐ Automatic reduction of power dissipation in long Read or Write cycles
❐ Power supply voltage 5 V
❐ Operating temperature ranges: 0 to 70 °C -25 to 85 °C -40 to 85 °C
❐ Quality assessment according to CECC 90000, CECC 90100 and CECC 90111
❐ ESD protection > 2000 V (MIL STD 883C M3015.7)
❐ Latch-up immunity > 200 mA
❐ Packages: PDIP28 (300 mil) SOJ28 (300 mil)




Similar Part No. - U62H64

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35 ZMD-U62H256AS2A35 Datasheet
162Kb / 10P
AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35G1 ZMD-U62H256AS2A35G1 Datasheet
162Kb / 10P
AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LL ZMD-U62H256AS2A35LL Datasheet
162Kb / 10P
AUTOMOTIVE FAST 32K X 8 SRAM
U62H256AS2A35LLG1 ZMD-U62H256AS2A35LLG1 Datasheet
162Kb / 10P
AUTOMOTIVE FAST 32K X 8 SRAM
More results


Similar Description - U62H64

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
8K x 8 SRAM
logo
Zentrum Mikroelektronik...
U62H256A ZMD-U62H256A Datasheet
162Kb / 10P
AUTOMOTIVE FAST 32K X 8 SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
8K x 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
8K X 8 CMOS SRAM
logo
Zentrum Mikroelektronik...
U6264AS1A07 ZMD-U6264AS1A07 Datasheet
167Kb / 8P
Automotive 8K x 8 SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Rohm
BR6265BF-N10SL ROHM-BR6265BF-N10SL Datasheet
204Kb / 12P
8K X 8 bit SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com