Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85003A Datasheet (PDF) - Renesas Technology Corp

ISL85003A Datasheet PDF - Renesas Technology Corp
Part # ISL85003A
Download  ISL85003A Download
File Size   973.4 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12A, 3.8V to 18V Input, Synchronous Buck Regulator

ISL85003A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85003A Datasheet PDF - Renesas Technology Corp

Part # ISL85003A
Download  ISL85003A Click to download

File Size   973.4 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 12A, 3.8V to 18V Input, Synchronous Buck Regulator

ISL85003A Datasheet (HTML) - Renesas Technology Corp




Similar Part No. - ISL85003A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85003A INTERSIL-ISL85003A Datasheet
1Mb / 22P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85003A RENESAS-ISL85003A Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
ISL85003A RENESAS-ISL85003A Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
ISL85003A RENESAS-ISL85003A Datasheet
5Mb / 24P
Highly Efficient 3A Synchronous Buck Regulator
Apr 15, 2024
ISL85003ADEMO1Z RENESAS-ISL85003ADEMO1Z Datasheet
1Mb / 23P
Highly Efficient 3A Synchronous Buck Regulator
More results


Similar Description - ISL85003A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3876MBF IRF-IR3876MBF Datasheet
959Kb / 20P
12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3876MPBF IRF-IR3876MPBF Datasheet
1Mb / 21P
12A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL85009 INTERSIL-ISL85009 Datasheet
686Kb / 20P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
February 13, 2017
ISL85014 INTERSIL-ISL85014 Datasheet
694Kb / 21P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
February 14, 2017
logo
Diodes Incorporated
AP62600 DIODES-AP62600 Datasheet
2Mb / 26P
4.5V TO 18V INPUT, 6A SYNCHRONOUS BUCK CONVERTER
June 2022
logo
Renesas Technology Corp
ISL85009 RENESAS-ISL85009 Datasheet
1Mb / 21P
9A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
ISL85014 RENESAS-ISL85014 Datasheet
1Mb / 22P
14A, 3.8V to 18V Input, Synchronous Buck Regulator
Nov 11, 2021
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com