Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL88042 Datasheet (PDF) - Renesas Technology Corp

ISL88042 Datasheet PDF - Renesas Technology Corp
Part # ISL88042
Download  ISL88042 Download
File Size   431.71 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quadruple Voltage Monitor

ISL88042 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL88042 Datasheet PDF - Renesas Technology Corp

Part # ISL88042
Download  ISL88042 Click to download

File Size   431.71 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quadruple Voltage Monitor

ISL88042 Datasheet (HTML) - Renesas Technology Corp


ISL88042 Product details

Quadruple Voltage Monitor

The ISL88042 is a Quadruple voltage-monitoring supervisor combining competitive reset threshold accuracy and low power consumption. This device combines popular functions such as Power-On Reset, Undervoltage Supply Supervision, reset signaling and Manual Reset. Monitoring four different supplies in a 8 Ld 2x3 TDFN package, the ISL88042 devices can help to lower system cost, reduce board space requirements, and increase the reliability of multi-voltage systems.

Features
• Quadruple Voltage Monitoring
• Fixed-Voltage Options Allow Precise Monitoring of +5.0V and +3.3V Power Supplies
• Two Adjustable Voltage Inputs Monitor Voltages > 0.6V
• 95ms Nominal Reset Pulse Width
• Manual Reset Capability
• Reset Signals Valid Down to VDD = 1V
• Immune to Power-Supply Transients
• Low 22µA Maximum Supply Current at 5V
• Pb-Free (RoHS Compliant)

Applications
• Telecom and Datacom Systems
• Routers and Servers
• Access Concentrators
• Cable/Satellite Applications
• Desktop and Notebook Computer Systems
• Data Storage Equipment
• Set-Top Boxes
• Industrial Equipment
• Multi-Voltage Systems




Similar Part No. - ISL88042

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL88042 INTERSIL-ISL88042 Datasheet
159Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
ISL88042 INTERSIL-ISL88042 Datasheet
301Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
ISL88042IRTEEZ-T INTERSIL-ISL88042IRTEEZ-T Datasheet
159Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
ISL88042IRTEEZ-T INTERSIL-ISL88042IRTEEZ-T Datasheet
301Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
ISL88042IRTEEZ-TK INTERSIL-ISL88042IRTEEZ-TK Datasheet
159Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
More results


Similar Description - ISL88042

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZM33164 ZETEX-ZM33164 Datasheet
131Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM330 ZETEX-ZSM330 Datasheet
139Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530 Datasheet
140Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164 ZETEX-ZM33164_06 Datasheet
144Kb / 5P
SUPPLY VOLTAGE MONITOR
ZM33164-3 ZETEX-ZM33164-3 Datasheet
109Kb / 5P
SUPPLY VOLTAGE MONITOR
ZSM530 ZETEX-ZSM530_06 Datasheet
143Kb / 5P
SUPPLY VOLTAGE MONITOR
logo
Minilogic Device Corpor...
ML6101 MINILOGIC-ML6101 Datasheet
389Kb / 11P
Voltage Monitor
logo
Intersil Corporation
ISL88042 INTERSIL-ISL88042 Datasheet
159Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
ISL88042 INTERSIL-ISL88042 Datasheet
301Kb / 8P
Quadruple Voltage Monitor
July 26, 2010
logo
Diodes Incorporated
ZSM330GTA DIODES-ZSM330GTA Datasheet
416Kb / 5P
SUPPLY VOLTAGE MONITOR
JULY 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com