Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4544IGZ Datasheet (PDF) - Renesas Technology Corp

EL4544IGZ Datasheet PDF - Renesas Technology Corp
Part # EL4544IGZ
Download  EL4544IGZ Download
File Size   1375.93 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes

EL4544IGZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4544IGZ Datasheet PDF - Renesas Technology Corp

Part # EL4544IGZ
Download  EL4544IGZ Click to download

File Size   1375.93 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes

EL4544IGZ Datasheet (HTML) - Renesas Technology Corp


EL4544IGZ Product details

The EL4544 is a high bandwidth 16-channel differential RGB to 5-channel RGB single-ended RGB-HV video crosspoint switch with embedded sync extraction. There are four 16-Channel input muxes, each capable of receiving a complete RGB video signal, and five output muxes, each capable of “seeing” any one of the four RGB inputs. Additionally, the fifth input mux has an overlay “screen on screen” function that can be displayed in conjunction with any of the stacked RGB inputs.

Features
• Serial programming of switch array
• Parallel or serial modes
• High Z output disable
• Drives 150Ω loads
• 60MHz 0.1dB gain flatness
• -3dB bandwidth of 300MHz
• Crosstalk rejection: 75dB @ 100MHz
• Channels settle to 5% within 10ns after overlay switching
• 356 pin PBGA packaging
• Pb-free (RoHS compliant)

Applications
• Video switching




Similar Part No. - EL4544IGZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
870Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
August 1, 2005
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
783Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
816Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
December 21, 2007
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
1Mb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
February 23, 2012
More results


Similar Description - EL4544IGZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4544 INTERSIL-EL4544 Datasheet
870Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
August 1, 2005
EL4544 INTERSIL-EL4544_07 Datasheet
783Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
EL4544_0712 INTERSIL-EL4544_0712 Datasheet
816Kb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
December 21, 2007
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Intersil Corporation
EL4544IGZ INTERSIL-EL4544IGZ Datasheet
1Mb / 26P
Triple 16x5 Differential Crosspoint Switch Capable of Operation in Single-Ended or Differential Input Modes
February 23, 2012
logo
Analog Devices
ADUCM320 AD-ADUCM320 Datasheet
520Kb / 31P
Fully differential and single-ended modes
REV. C
ADUCM320I AD-ADUCM320I Datasheet
490Kb / 27P
Fully differential and single-ended modes
REV. 0
logo
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com