Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD27C64-120JI Datasheet (PDF) - Advanced Micro Devices

AMD27C64-120JI Datasheet PDF - Advanced Micro Devices
Part # AMD27C64-120JI
Download  AMD27C64-120JI Download
File Size   88.64 Kbytes
Page   11 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 64 Kilobit (8,192 x 8-Bit) CMOS EPROM

AMD27C64-120JI Datasheet (PDF)

Go To PDF Page Download Datasheet
AMD27C64-120JI Datasheet PDF - Advanced Micro Devices

Part # AMD27C64-120JI
Download  AMD27C64-120JI Click to download

File Size   88.64 Kbytes
Page   11 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 64 Kilobit (8,192 x 8-Bit) CMOS EPROM

AMD27C64-120JI Datasheet (HTML) - Advanced Micro Devices


AMD27C64-120JI Product details

GENERAL DESCRIPTION

The Am27C64 is a 64-Kbit ultraviolet erasable program mable read-only memory. It is organized as 8K words by 8 bits per word, operates from a single +5 V supply, has a static standby mode, and features fast single address

location programming. Products are available in win dowed ceramic DIP packages as well as plastic one

time programmable (OTP) PDIP, and PLCC packages.



DISTINCTIVE CHARACTERISTICS

■Fast access time

—45 ns

■Low power consumption

—20 µA typical CMOS standby current

■JEDEC-approved pinout

■Single +5 V power supply

■±10% power supply tolerance available

■100% Flashrite programming

— Typical programming time of 1 second

■Latch-up protected to 100 mA from –1 V to VCC+ 1 V

■High noise immunity

■Versatile features for simple interfacing

— Both CMOS and TTL input/output compatibility

— Two line control functions

■Standard 28-pin DIP, PDIP, and 32-pin PLCC packages




Similar Part No. - AMD27C64-120JI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
256 Kilobit (32,768 x 8-Bit) CMOS EPROM
More results


Similar Description - AMD27C64-120JI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
64 Kilobit (8 K x 8-Bit) CMOS EPROM
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
logo
Cypress Semiconductor
CY27C256 CYPRESS-CY27C256 Datasheet
260Kb / 11P
32K x 8-Bit CMOS EPROM
August 1994
logo
Advanced Micro Devices
AMD27C256 AMD-AMD27C256 Datasheet
90Kb / 12P
256 Kilobit (32,768 x 8-Bit) CMOS EPROM
logo
NEC
UPD4464 NEC-UPD4464 Datasheet
280Kb / 6P
8,192 X 8 - BIT STATIC CMOS RAM
UPD2764 NEC-UPD2764 Datasheet
277Kb / 3P
8,192 x 8-BIT NMOS UV/OTP EPROM
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com