Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL95871C Datasheet (PDF) - Renesas Technology Corp

ISL95871C Datasheet PDF - Renesas Technology Corp
Part # ISL95871C
Download  ISL95871C Download
File Size   1145.44 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SMBus Interfaced Battery Charger with Internal FETs

ISL95871C Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL95871C Datasheet PDF - Renesas Technology Corp

Part # ISL95871C
Download  ISL95871C Click to download

File Size   1145.44 Kbytes
Page   26 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SMBus Interfaced Battery Charger with Internal FETs

ISL95871C Datasheet (HTML) - Renesas Technology Corp


ISL95871C Product details

SMBus Interfaced Battery Charger with Internal FETs

The ISL95871C is a highly integrated Lithium-ion battery charger controller, programmable over the System Management Bus (SMBus) with internal switching FETs. High efficiency is achieved with a DC/DC synchronous-rectifier buck converter, equipped with diode emulation for enhanced light load efficiency and system bus boosting prevention. The ISL95871C charges one to four Lithium-ion series cells, and delivers up to 8A charge current. Integrated MOSFETs and bootstrap diode result in fewer components and smaller implementation area. Low offset current-sense amplifiers provide high accuracy with 10mΩ sense resistors. The ISL95871C provides 0.5% battery voltage accuracy.

Features
• Internal Synchronous Buck Output Stage Power FETs
• 0.5% Battery Voltage Accuracy
• 3% Adapter Current Limit Accuracy
• 3% Charge Current Accuracy
• SMBus 2-Wire Serial Interface
• Battery Short Circuit Protection
• Fast Response for Pulse-Charging
• Fast System-Load Transient Response
• Monitor Outputs
    - Adapter Current (3% Accuracy)
    - AC-Adapter Detection
• 11-Bit Battery Voltage Setting
• 6 Bit Charge Current/Adapter Current Setting
• 8A Maximum Battery Charger Current
• 11A Maximum Adapter Current
• +8V to +22V Adapter Voltage Range
• Pb-Free (RoHS Compliant)

Applications
• Notebook Computers
• Tablet PCs
• Portable Equipment with Rechargeable Batteries




Similar Part No. - ISL95871C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL95871C INTERSIL-ISL95871C Datasheet
720Kb / 25P
SMBus Interfaced Battery Charger with Internal FETs
September 29, 2010
ISL95871C INTERSIL-ISL95871C Datasheet
903Kb / 26P
SMBus Interfaced Battery Charger with Internal FETs
June 8, 2011
ISL95871CHRZ INTERSIL-ISL95871CHRZ Datasheet
720Kb / 25P
SMBus Interfaced Battery Charger with Internal FETs
September 29, 2010
ISL95871CHRZ INTERSIL-ISL95871CHRZ Datasheet
903Kb / 26P
SMBus Interfaced Battery Charger with Internal FETs
June 8, 2011
ISL95871C INTERSIL-ISL95871C_11 Datasheet
903Kb / 26P
SMBus Interfaced Battery Charger with Internal FETs
June 8, 2011
More results


Similar Description - ISL95871C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Intersil Corporation
ISL88731A INTERSIL-ISL88731A Datasheet
490Kb / 23P
SMBus Level 2 Battery Charger
January 7, 2009
ISL95871C INTERSIL-ISL95871C Datasheet
720Kb / 25P
SMBus Interfaced Battery Charger with Internal FETs
September 29, 2010
ISL95871C INTERSIL-ISL95871C_11 Datasheet
903Kb / 26P
SMBus Interfaced Battery Charger with Internal FETs
June 8, 2011
ISL9519CHRZ INTERSIL-ISL9519CHRZ Datasheet
103Kb / 3P
Narrow VDC Regulator/Charger with SMBus Interface and Internal Switching FETs
ISL88731HRZ INTERSIL-ISL88731HRZ Datasheet
806Kb / 22P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731AHRZ INTERSIL-ISL88731AHRZ Datasheet
772Kb / 23P
SMBus Level 2 Battery Charger
June 8, 2011
ISL88731CHRTZ INTERSIL-ISL88731CHRTZ Datasheet
897Kb / 25P
SMBus Level 2 Battery Charger
June 8, 2011
logo
ON Semiconductor
NCP3800V ONSEMI-NCP3800V Datasheet
221Kb / 15P
SMBus Level 2 Battery Charger
April, 2013 ??Rev. 0
logo
Renesas Technology Corp
ISL88731A RENESAS-ISL88731A Datasheet
1Mb / 24P
SMBus Level 2 Battery Charger
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com