Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97636 Datasheet (PDF) - Renesas Technology Corp

ISL97636 Datasheet PDF - Renesas Technology Corp
Part # ISL97636
Download  ISL97636 Download
File Size   1082.93 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Channel LED Driver

ISL97636 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97636 Datasheet PDF - Renesas Technology Corp

Part # ISL97636
Download  ISL97636 Click to download

File Size   1082.93 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Channel LED Driver

ISL97636 Datasheet (HTML) - Renesas Technology Corp


ISL97636 Product details

8-Channel LED Driver

The ISL97636 is an integrated power LED driver that controls 8 channels of LED current for LCD backlight applications. The ISL97636 is capable of driving typically 72 (8x9) pieces of 3.5V/30mA or 80 (8x10) pieces of 3.2V/20mA LEDs. The ISL97636’s contains 8 channels of voltage controlled current sources with typical currents matching of ±1%, which compensate for the non-uniformity effect of forward voltages variance in the LED stacks. To minimize the voltage headroom and power loss in the typical multi-strings operation, the ISL97636 features a dynamic headroom control that monitors the highest LED forward voltage string and uses its feedback signal for output regulation.

Features
• 8 Channels
• 6V to 24V Input
• 34.5V Output Max
• Drive Maximally 72 (3.5V/30mA each) or 80 (3.2V/20mA each) LEDs
• Current Matching ±1% Typ
• Dynamic Headroom Control
• PWM Signal up to 20kHz Dimming
• Protections
    - String Open Circuit Detection
    - String Short Circuit Detection with Selectable Thresholds
    - Over-Temperature Protection
    - Overvoltage Protection
    - Optional Input Overcurrent Protection w/Disconnect SW
• 1.2MHz Switching Frequency
• 24 Ld 4mmx4mm QFN Package
• Pb-Free (RoHS compliant)

Applications
• Notebook Displays LED Backlighting
• LCD Monitor LED Backlighting
• Automotive Displays LED Backlighting
• Automotive or Traffic Lighting




Similar Part No. - ISL97636

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
ISL97636 INTERSIL-ISL97636 Datasheet
653Kb / 18P
8-Channel LED Driver
May 9, 2008
ISL97636A INTERSIL-ISL97636A Datasheet
650Kb / 18P
6-Channel LED Driver
May 9, 2008
logo
Renesas Technology Corp
ISL97636A RENESAS-ISL97636A Datasheet
1Mb / 18P
6-Channel LED Driver
logo
Intersil Corporation
ISL97636A INTERSIL-ISL97636A Datasheet
651Kb / 18P
6-Channel LED Driver
May 9, 2008
More results


Similar Description - ISL97636

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4008 CATALYST-CAT4008 Datasheet
258Kb / 14P
8-Channel Constant Current LED Driver
logo
Intersil Corporation
ISL97678 INTERSIL-ISL97678 Datasheet
927Kb / 18P
8-Channel 45V 50mA LED Driver
November 5, 2009
ISL97635 INTERSIL-ISL97635 Datasheet
744Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97636 INTERSIL-ISL97636 Datasheet
652Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
Marktech Corporate
TB62783FNG MARKTECH-TB62783FNG Datasheet
74Kb / 6P
8-Channel Constant-Current LED Driver
logo
Linear Technology
LT3760 LINER-LT3760_15 Datasheet
429Kb / 32P
8-Channel 100mA LED Driver
logo
Intersil Corporation
ISL97635IRZ INTERSIL-ISL97635IRZ Datasheet
741Kb / 28P
SMBus 8-Channel LED Driver
December 22, 2008
ISL97636IRZ INTERSIL-ISL97636IRZ Datasheet
653Kb / 18P
8-Channel LED Driver
May 9, 2008
logo
Rohm
BD6142AMUV ROHM-BD6142AMUV_12 Datasheet
793Kb / 34P
8-Channel White LED Driver
logo
Renesas Technology Corp
ISL97635 RENESAS-ISL97635 Datasheet
1Mb / 28P
SMBus 8-Channel LED Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com