Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97653A Datasheet (PDF) - Renesas Technology Corp

ISL97653A Datasheet PDF - Renesas Technology Corp
Part # ISL97653A
Download  ISL97653A Download
File Size   1018.34 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Channel Integrated LCD Supply

ISL97653A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL97653A Datasheet PDF - Renesas Technology Corp

Part # ISL97653A
Download  ISL97653A Click to download

File Size   1018.34 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5-Channel Integrated LCD Supply

ISL97653A Datasheet (HTML) - Renesas Technology Corp


ISL97653A Product details

The ISL97653A represents a fully integrated supply IC for LCD-TV applications. With an input operating range of 4V to 14V, both commonly used LCD-TV input supplies, 5V and 12V, are supported. An AVDD supply up to 20V is generated by a high-performance PWM BOOST converter with an integrated 4.4A FET. VON is generated using an integrated charge pump with on-chip diodes and can be modulated using an on-chip VON slice control circuit. VOFF is generated using an integrated charge pump controller. Additionally, the chip allows for two logic supplies. A buck regulator with an included 2.5A high side switch is used for the main logic output and an internal LDO controller can be used to generate a second logic LDO output.

Features
• 5V to 14V Input Supply
• Integrated 4.4A Boost Converter
• Integrated VON Charge Pump and VON Slice Circuit
• Integrated VOFF Charge Pump Output
• Integrated 2.5A Buck Converter
• LDO Controller for an Additional Logic Supply
• High Voltage Stress (HVS) Test Mode
• Thermal Shutdown
• 40 Ld QFN (6mmx6mm) Package
• Pb-Free (RoHS Compliant)

Applications
• LCD-TVs
• Industrial/Medical LCD Displays




Similar Part No. - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97653A INTERSIL-ISL97653A Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
5-Channel Integrated LCD Supply
September 7, 2010
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
ISL97653AIRZ INTERSIL-ISL97653AIRZ Datasheet
752Kb / 18P
5-Channel Integrated LCD Supply
September 7, 2010
ISL97653AIRZ-T INTERSIL-ISL97653AIRZ-T Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
More results


Similar Description - ISL97653A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL97650 INTERSIL-ISL97650 Datasheet
337Kb / 20P
4-Channel Integrated LCD Supply
November 28, 2006
ISL97653A INTERSIL-ISL97653A_08 Datasheet
530Kb / 18P
5-Channel Integrated LCD Supply
February 21, 2008
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97653A INTERSIL-ISL97653A Datasheet
752Kb / 18P
5-Channel Integrated LCD Supply
September 7, 2010
ISL97650B INTERSIL-ISL97650B Datasheet
414Kb / 20P
4-Channel Integrated LCD Supply
March 22, 2010
ISL97651 INTERSIL-ISL97651 Datasheet
330Kb / 19P
4-Channel Integrated LCD Supply
April 24, 2009
ISL97650 INTERSIL-ISL97650_09 Datasheet
353Kb / 20P
4-Channel Integrated LCD Supply
April 17, 2009
logo
Renesas Technology Corp
ISL97650B RENESAS-ISL97650B Datasheet
921Kb / 20P
4-Channel Integrated LCD Supply
ISL97651 RENESAS-ISL97651 Datasheet
845Kb / 20P
4-Channel Integrated LCD Supply
ISL98604 RENESAS-ISL98604 Datasheet
1Mb / 28P
6-Channel Integrated LCD Supply
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com