Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI-200 Datasheet (PDF) - Renesas Technology Corp

HI-200 Datasheet PDF - Renesas Technology Corp
Part # HI-200
Download  HI-200 Download
File Size   566.59 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual/Quad SPST, CMOS Analog Switches

HI-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI-200 Datasheet PDF - Renesas Technology Corp

Part # HI-200
Download  HI-200 Click to download

File Size   566.59 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual/Quad SPST, CMOS Analog Switches

HI-200 Datasheet (HTML) - Renesas Technology Corp


HI-200 Product details

HI-200/HI-201 (dual/quad) are monolithic devices comprising independently selectable SPST switches which feature fast switching speeds (HI-200 240ns, and HI-201 185ns) combined with low power dissipation (15mW at 25oC). Each switch provides low “ON” resistance operation for input signal voltage up to the supply rails and for signal current up to 80mA. Rugged DI construction eliminates latch-up and substrate SCR failure modes.
All devices provide break-before-make switching and are TTL and CMOS compatible for maximum application versatility. HI-200/HI-201 are ideal components for use in high frequency analog switching. Typical applications include signal path switching, sample and hold circuit, digital filters, and operational amplifier gain switching networks.

Features
• Pb-Free Available (RoHS Compliant)
• Analog Voltage Range . . . . . . . . . . . . . . . . . . . . . . . 15V
• Analog Current Range . . . . . . . . . . . . . . . . . . . . . . . 80mA
• Turn-On Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240ns
• Low rON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55Ω
• Low Power Dissipation. . . . . . . . . . . . . . . . . . . . . . .15mW
• TTL/CMOS Compatible

Applications
• High Frequency Analog Switching
• Sample and Hold Circuits
• Digital Filters
• Operational Amplifier Gain Switching Networks




Similar Part No. - HI-200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
October 1999
HI-200 INTERSIL-HI-200 Datasheet
337Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
April 6, 2005
HI-200 INTERSIL-HI-200 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
BlockMaster Electronics...
HI-200 BLOCKMASTER-ELECTRONICS-HI-200 Datasheet
185Kb / 1P
Closed Barrier type terminal block
logo
Intersil Corporation
HI-200/883 INTERSIL-HI-200/883 Datasheet
315Kb / 11P
The HI-200/883 is a monolithic device comprising two independently selectable SPST switchers which feature fast switching speeds
September 2004
More results


Similar Description - HI-200

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201A INTERSIL-DG201A Datasheet
71Kb / 7P
Quad SPST, CMOS Analog Switches
June 1999
HI-200 INTERSIL-HI-200 Datasheet
383Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
October 1999
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
logo
Harris Corporation
DG201CJ HARRIS-DG201CJ Datasheet
90Kb / 8P
CMOS Dual/Quad SPST Analog Switches
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
Intersil Corporation
HI-200 INTERSIL-HI-200_05 Datasheet
337Kb / 10P
Dual/Quad SPST, CMOS Analog Switches
April 6, 2005
logo
Vishay Siliconix
DG444 VISHAY-DG444 Datasheet
115Kb / 9P
Quad SPST CMOS Analog Switches
06-Sep-99
DG441 VISHAY-DG441 Datasheet
150Kb / 9P
Quad SPST CMOS Analog Switches
25-Jun-07
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
DG444 VISHAY-DG444_11 Datasheet
172Kb / 12P
Quad SPST CMOS Analog Switches
23-May-11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com