Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIN202IBZ Datasheet (PDF) - Renesas Technology Corp

HIN202IBZ Datasheet PDF - Renesas Technology Corp
Part # HIN202IBZ
Download  HIN202IBZ Download
File Size   959.5 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors

HIN202IBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
HIN202IBZ Datasheet PDF - Renesas Technology Corp

Part # HIN202IBZ
Download  HIN202IBZ Click to download

File Size   959.5 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors

HIN202IBZ Datasheet (HTML) - Renesas Technology Corp


HIN202IBZ Product details

+5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors

The HIN202, HIN206, HIN207, HIN208, HIN211, HIN213 family of RS-232 transmitters/receivers interface circuits meet all ElA RS-232E and V.28 specifications, and are particularly suited for those applications where 12V is not available. They require a single +5V power supply and feature onboard charge pump voltage converters which generate +10V and -10V supplies from the 5V supply. The family of devices offers a wide variety of RS-232 transmitter/receiver combinations to accommodate various applications (see Selection Table).

Features
• Pb-Free Plus Anneal Available (RoHS Compliant) (See Ordering Info)
• Meets All RS-232E and V.28 Specifications
• Requires Only 0.1μF or Greater External Capacitors
• High Data Rate. . . . . . . . . . . . . . . . . . . . . . . . . . .120kbit/s
• Two Receivers Active in Shutdown Mode (HIN213)
• Requires Only Single +5V Power Supply
• Onboard Voltage Doubler/Inverter
• Low Power Consumption (Typ) . . . . . . . . . . . . . . . . . 5mA
• Low Power Shutdown Function (Typ) . . . . . . . . . . . . .1μA
• Three-State TTL/CMOS Receiver Outputs
• Multiple Drivers
    - ±10V Output Swing for +5V lnput
    - 300Ω Power-Off Source Impedance
    - Output Current Limiting
    - TTL/CMOS Compatible
    - 30V/μs Maximum Slew Rate
• Multiple Receivers
    - ±30V Input Voltage Range
    - 3kΩ to 7kΩ Input Impedance
    - 0.5V Hysteresis to Improve Noise Rejection

Applications
• Any System Requiring RS-232 Communications Port
    - Computer - Portable, Mainframe, Laptop
    - Peripheral - Printers and Terminals
    - Instrumentation
    - Modems




Similar Part No. - HIN202IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN202IBZ INTERSIL-HIN202IBZ Datasheet
484Kb / 19P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
July 27, 2005
More results


Similar Description - HIN202IBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN201 INTERSIL-HIN201 Datasheet
203Kb / 13P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
2000 05
HIN202A INTERSIL-HIN202A Datasheet
247Kb / 17P
High Speed 5V Powered RS-232 Transmitters/Receivers
2000 05
HIN230 INTERSIL-HIN230 Datasheet
379Kb / 15P
5V Powered RS-232 Transmitters/Receivers
2000 05
HIN202 INTERSIL-HIN202 Datasheet
586Kb / 18P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
September 2003
logo
Harris Corporation
HIN200 HARRIS-HIN200 Datasheet
158Kb / 14P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
logo
Intersil Corporation
HIN232 INTERSIL-HIN232_05 Datasheet
624Kb / 20P
5V Powered RS-232 Transmitters/Receivers
August 31, 2005
HIN202 INTERSIL-HIN202_05 Datasheet
491Kb / 19P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
July 27, 2005
HIN232 INTERSIL-HIN232 Datasheet
600Kb / 21P
5V Powered RS-232 Transmitters/Receivers
September 26, 2008
HIN202CPZ INTERSIL-HIN202CPZ Datasheet
484Kb / 19P
5V Powered RS-232 Transmitters/Receivers with 0.1Microfarad External Capacitors
July 27, 2005
logo
Renesas Technology Corp
HIN232 RENESAS-HIN232 Datasheet
1Mb / 22P
5V Powered RS-232 Transmitters/Receivers
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com