Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1086L Datasheet (PDF) - Maxim Integrated Products

DS1086L Datasheet PDF - Maxim Integrated Products
Part # DS1086L
Download  DS1086L Download
File Size   266.49 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V Spread-Spectrum EconOscillator

DS1086L Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1086L Datasheet PDF - Maxim Integrated Products

Part # DS1086L
Download  DS1086L Click to download

File Size   266.49 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 3.3V Spread-Spectrum EconOscillator

DS1086L Datasheet (HTML) - Maxim Integrated Products


DS1086L Product details

General Description
The DS1086L EconOscillator™ is a 3.3V programmable clock generator that produces a spread-spectrum (dithered) square-wave output of frequencies from 130kHz to 66.6MHz. The selectable dithered output reduces radiated-emission peaks by dithering the frequency 0.5%,1%, 2%, 4%, or 8% below the programmed frequency. The DS1086L has a power-down mode and an output-enable control for power-sensitive applications. All the device settings are stored in nonvolatile (NV) EEPROM memory allowing it to operate in stand-alone applications.

Features
♦ User-Programmable Square-Wave Generator
♦ Frequencies Programmable from 130kHz to 66.6MHz
♦ 0.5%, 1%, 2%, 4%, or 8% Selectable Dithered Output
♦ Adjustable Dither Rate
♦ Glitchless Output-Enable Control
♦ 2-Wire Serial Interface
♦ Nonvolatile Settings
♦ 2.7V to 3.6V Supply
♦ No External Timing Components Required
♦ Power-Down Mode
♦ 5kHz Master Frequency Step Size
♦ EMI Reduction
♦ Industrial Temperature Range: -40°C to +85°C

Applications
  Printers
  Copiers
  PCs
  Computer Peripherals
  Cell Phones
  Cable Modems




Similar Part No. - DS1086L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1086LPMB1 MAXIM-DS1086LPMB1 Datasheet
1Mb / 8P
DS1086LPMB1 Peripheral Module
Rev 0; 5/12
DS1086LU MAXIM-DS1086LU Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1086LU MAXIM-DS1086LU Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086LU+ MAXIM-DS1086LU+ Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
More results


Similar Description - DS1086L

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1086 DALLAS-DS1086 Datasheet
229Kb / 14P
DS1086 Spread-Spectrum EconOscillator
DS1094L DALLAS-DS1094L Datasheet
590Kb / 11P
Multiphase Spread-Spectrum EconOscillator
DS1087L DALLAS-DS1087L Datasheet
154Kb / 12P
3.3V Spread-Spectrum EconOscillator
logo
Maxim Integrated Produc...
DS1086L MAXIM-DS1086L_07 Datasheet
225Kb / 16P
3.3V Spread-Spectrum EconOscillator
Rev 1; 9/07
DS1086_1203 MAXIM-DS1086_1203 Datasheet
200Kb / 15P
Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1086L_1203 MAXIM-DS1086L_1203 Datasheet
237Kb / 17P
3.3V Spread-Spectrum EconOscillator
Rev 2; 3/12
DS1087L MAXIM-DS1087L Datasheet
160Kb / 12P
3.3V Spread-Spectrum EconOscillator
Rev 1; 11/03
DS1089L MAXIM-DS1089L_V01 Datasheet
1Mb / 13P
3.3V Center Spread-Spectrum EconOscillator?
19-7501; Rev 3; 2/15
DS1090 MAXIM-DS1090_V01 Datasheet
479Kb / 9P
Low-Frequency, Spread-Spectrum EconOscillator
19-7500; Rev 3; 9/16
DS1094L MAXIM-DS1094L Datasheet
496Kb / 12P
Multiphase Spread-Spectrum EconOscillator
19-7628; Rev 2; 5/15
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com