| Manufacturer | Part # | Datasheet | Description |
 Intersil Corporation |
ISL83070E
|
805Kb / 18P |
-15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 5, 2005 |
|
ISL83070E
|
802Kb / 17P |
짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
March 21, 2006 |
|
ISL3170E
|
802Kb / 19P |
짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
August 28, 2006 |
|
ISL83070E
|
766Kb / 17P |
짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
|
ISL3170E
|
795Kb / 19P |
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
July 11, 2007 |
|
ISL3178AE
|
486Kb / 14P |
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
May 6, 2009 |
|
ISL83080EIUZ-T
|
770Kb / 19P |
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|
|
ISL3172EIBZ-T
|
770Kb / 19P |
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012 |
|
ISL3175EIBZ-T
|
787Kb / 19P |
짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
June 8, 2012 |
 Renesas Technology Corp |
ISL83070E
|
1,022Kb / 18P |
짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
|