Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12008IB8Z Datasheet (PDF) - Renesas Technology Corp

ISL12008IB8Z Datasheet PDF - Renesas Technology Corp
Part # ISL12008IB8Z
Download  ISL12008IB8Z Download
File Size   791.49 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery ReSeal??Function

ISL12008IB8Z Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12008IB8Z Datasheet PDF - Renesas Technology Corp

Part # ISL12008IB8Z
Download  ISL12008IB8Z Click to download

File Size   791.49 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery ReSeal??Function

ISL12008IB8Z Datasheet (HTML) - Renesas Technology Corp


ISL12008IB8Z Product details

Low Power RTC with Battery ReSeal™ Function

The ISL12008 device is a low power real time clock/calendar that is pin compatible and functionally equivalent to the ST M41T00S and Maxim DS1340 with timing and crystal compensation. The device additionally provides power-fail indicator, software alarm and intelligent battery backup.

Features
• Pin Compatible to ST M41T00S and Maxim DS1340
• Functionality Equivalent to ST M41T00S and Maxim DS1340
• Real Time Clock/Calendar
    - Tracks Time in Hours, Minutes, Seconds and Sub-seconds
    - Day of the Week, Day, Month, and Year
• 512Hz Frequency Outputs for On-Chip Crystal Compensation
• Software Alarm
    - Settable to the Second, Minute, Hour, Day of the Week, Day, or Month
• Automatic Low-Drop Battery Switch for Longest Backup Life
• Power Failure Detection
• Battery ReSeal™ for Long Shelf Life
• I2C Bus™
    - 400kHz Data Transfer Rate
• 800nA Battery Supply Current
• Small Package Option
    - 8 Ld SOIC
• Pb-Free (RoHS Compliant)

Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set-Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive




Similar Part No. - ISL12008IB8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12008IB8Z INTERSIL-ISL12008IB8Z Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
Renesas Technology Corp
ISL12008IB8Z RENESAS-ISL12008IB8Z Datasheet
911Kb / 19P
ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
Rev 1.00 Sep 26, 2008
logo
Intersil Corporation
ISL12008IB8Z-T INTERSIL-ISL12008IB8Z-T Datasheet
293Kb / 19P
I2C Real Time Clock with Battery Backup
September 26, 2008
logo
Renesas Technology Corp
ISL12008IB8Z-T RENESAS-ISL12008IB8Z-T Datasheet
911Kb / 19P
ISL12008 I2C Real Time Clock with Battery Backup Low Power RTC with Battery ReSeal™ Function
Rev 1.00 Sep 26, 2008
More results


Similar Description - ISL12008IB8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
September 27, 2005
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
Low Power RTC with Battery Backed SRAM
June 22, 2006
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
October 17, 2006
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
Low Power RTC with Battery Backed SRAM
August 23, 2006
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
Low Power RTC with Battery Backed
July 15, 2010
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
July 15, 2010
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
Low Power RTC with Battery Backed SRAM, Integrated 5ppm
June 4, 2010
ISL1208IRT8Z INTERSIL-ISL1208IRT8Z Datasheet
406Kb / 24P
Low Power RTC with Battery Backed SRAM
September 12, 2008
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
Low Power RTC with Battery Backed SRAM
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
Low Power RTC with Battery Backed SRAM and Event Detection
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com