Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL12023 Datasheet (PDF) - Renesas Technology Corp

ISL12023 Datasheet PDF - Renesas Technology Corp
Part # ISL12023
Download  ISL12023 Download
File Size   1159.43 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving

ISL12023 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL12023 Datasheet PDF - Renesas Technology Corp

Part # ISL12023
Download  ISL12023 Click to download

File Size   1159.43 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving

ISL12023 Datasheet (HTML) - Renesas Technology Corp


ISL12023 Product details

Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation ±5ppm with Auto Daylight Saving

The ISL12023 device is a low power real time clock with an embedded Temp sensor for oscillator compensation, clock/calendar, power fail, low battery monitor, brownout indicator, single periodic or polled alarms, intelligent battery-backup switching, Battery Reseal™ function and 128 bytes of battery-backed user SRAM.

Features
• Real Time Clock/Calendar
    - Tracks Time in Hours, Minutes and Seconds
    - Day of the Week, Day, Month and Year
• On-chip Oscillator Compensation Over the Operating Temp Range
    - ±5ppm Over -40°C to +85°C
• 10-bit Digital Temperature Sensor Output
    - ±2°C Accuracy
• Customer Programmable Day Light Saving Time
• Clock Output with 15 Selectable Frequencies
• 1 Alarm
    - Settable to the Second, Minute, Hour, Day of the Week, Day, or Month
    - Single Event or Pulse Interrupt Mode
• Battery Reseal™ Function to Extend Battery Shelf Life
• Automatic Backup to Battery or Super Capacitor
    - Operation to VBAT = 1.8V
    - 1.0µA Battery Supply Current
• Battery Status Monitor
    - 2 User Programmable Levels
• Seven Selectable Voltages for Each Level
• Power Status Brownout Monitor
    - Six Selectable Trip Levels, from 2.295V to 4.675V
• Oscillator Failure Detection
• Time Stamp for First VDD to VBAT, and Last VBAT to VDD
• 128 Bytes Battery-Backed User SRAM
• Separate FOUT, IRQ, and LVRST Outputs
• I2C Bus™
    - 400kHz Clock Frequency
• 14 Ld TSSOP Package
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL12023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12023 INTERSIL-ISL12023 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12023 INTERSIL-ISL12023 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL12023IVZ INTERSIL-ISL12023IVZ Datasheet
389Kb / 28P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Similar Description - ISL12023

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
July 9, 2010
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
February 11, 2010
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022 RENESAS-ISL12022 Datasheet
1Mb / 29P
Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com