Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE597 Datasheet (PDF) - NTE Electronics

NTE597 Datasheet PDF - NTE Electronics
Part # NTE597
Download  NTE597 Download
File Size   18.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Rectifier Ultra Fast, 200V, 8A

NTE597 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE597 Datasheet PDF - NTE Electronics

Part # NTE597
Download  NTE597 Click to download

File Size   18.6 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Silicon Rectifier Ultra Fast, 200V, 8A

NTE597 Datasheet (HTML) - NTE Electronics


NTE597 Product details

Description:
The NTE597 is a silicon rectifier in a 2–Lead TO220 type package designed for use in switching power supplies, inverters and as free wheeling diodes.

Features:
● Ultrafast 50ns Recovery Time
● 175°C Operating Junction Temperature
● Popular TO220 Package
● Epoxy meets UL94, VO @ 1/8”
● Low Forward Voltage
● Low Leakage Current
● High Temperature Glass Passivated Junction




Similar Part No. - NTE597

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE59 NTE-NTE59 Datasheet
21Kb / 2P
Silicon Complementary Transistors High Power Audio Output
NTE5900 NTE-NTE5900 Datasheet
24Kb / 2P
Silicon Power Rectifier Diode, 16 Amp
NTE5901 NTE-NTE5901 Datasheet
24Kb / 2P
Silicon Power Rectifier Diode, 16 Amp
NTE5902 NTE-NTE5902 Datasheet
24Kb / 2P
Silicon Power Rectifier Diode, 16 Amp
NTE5903 NTE-NTE5903 Datasheet
24Kb / 2P
Silicon Power Rectifier Diode, 16 Amp
More results


Similar Description - NTE597

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE598 NTE-NTE598 Datasheet
18Kb / 2P
Silicon Rectifier Ultra Fast, 600V, 8A
NTE599 NTE-NTE599 Datasheet
18Kb / 2P
Silicon Rectifier Ultra Fast, 200V, 15A
logo
KODENSHI_AUK CORP.
SDB8200PH KODENSHI-SDB8200PH Datasheet
283Kb / 5P
200V, 8A POWER SCHOTTKY RECTIFIER
logo
Frontier Electronics.
UFF80-005 FRONTIER-UFF80-005 Datasheet
132Kb / 2P
8A ULTRA FAST RECOVERY RECTIFIER
UFF80-005CT FRONTIER-UFF80-005CT Datasheet
132Kb / 2P
8A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF80-005CT-LFR FRONTIER-UFF80-005CT-LFR Datasheet
133Kb / 2P
8A DUAL ULTRA FAST RECOVERY RECTIFIER
UFF80-005-LFR FRONTIER-UFF80-005-LFR Datasheet
132Kb / 2P
8A ULTRA FAST RECOVERY RECTIFIER
logo
Digitron Semiconductors
MURH805CT DIGITRON-MURH805CT Datasheet
299Kb / 2P
8A ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
MUR4L20 TSC-MUR4L20 Datasheet
384Kb / 5P
4A, 200V - 600V Ultra Fast Rectifier
logo
Silicon Supplies
MURC820 SS-MURC820 Datasheet
1Mb / 4P
200V 8A 25ns Rectifier
Rev 1.0 27/12/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com