Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43120 Datasheet (PDF) - Renesas Technology Corp

ISL43120 Datasheet PDF - Renesas Technology Corp
Part # ISL43120
Download  ISL43120 Download
File Size   821.38 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single Supply, Dual SPST Analog Switches

ISL43120 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL43120 Datasheet PDF - Renesas Technology Corp

Part # ISL43120
Download  ISL43120 Click to download

File Size   821.38 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low-Voltage, Single Supply, Dual SPST Analog Switches

ISL43120 Datasheet (HTML) - Renesas Technology Corp


ISL43120 Product details

Low-Voltage, Single Supply, Dual SPST Analog Switches

The Intersil ISL43120, ISL43121 and ISL43122 devices are precision, bidirectional, dual analog SPST switches designed to operate from a single +2.7V to +12V supply. Targeted applications include battery powered equipment that benefit from the devices’ low power consumption (5µW), low leakage currents (100pA max) and fast switching speeds (tON = 28ns, tOFF = 20ns). Cell phones, for example, often face ASIC functionality limitations. The number of analog input or GPIO pins may be limited and digital geometries are not well suited to analog switch performance. This family of parts may be used to “mux-in” additional functionality while reducing ASIC design risk. Some of the smallest packages are available, alleviating board space limitations and making Intersil’s newest line of low-voltage switches an ideal solution.

Features
• Fully specified at 12V, 5V, and 3.3V supplies for 10% tolerances
• ON-resistance (rON) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19Ω
• rON matching between channels . . . . . . . . . . . . . . . . . . . . . . . <1Ω
• Low charge injection. . . . . . . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Single supply operation . . . . . . . . . . . . . . . . . . . . . . +2.7V to +12V
• Low power consumption (PD) . . . . . . . . . . . . . . . . . . . . . . . . .<5µW
• Low leakage current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10nA
• Fast switching action
    - tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28ns
    - tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• Guaranteed break-before-make (ISL43122 only)
• Minimum 2000V ESD protection per method 3015.7
• TTL, CMOS compatible
• Available in SOT-23 packaging
• Pb-free (RoHS Compliant)

Applications
• Battery-powered, handheld and portable equipment
    - Cellular/mobile phones
    - Pagers
    - Laptops, notebooks, palmtops
• Communications systems
    - Radios, ADSL Modems
    - PBX, PABX
• Test and measurement equipment
    - Ultrasound
    - Computerized Tomography (CT) Scanner
    - Magnetic Resonance Image (MRI)
    - Position Emission Tomography (PET) Scanner
    - Electrocardiograph
• Heads-up displays
• Audio and video switching
• Various circuits
    - +3V/+5V DACs and ADCs
    - Sample and hold circuits
    - Digital filters
    - Operational amplifier gain switching networks
    - High frequency analog switching
    - High speed multiplexing
    - Integrator reset circuits




Similar Part No. - ISL43120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
June 2003
ISL43120 INTERSIL-ISL43120 Datasheet
463Kb / 13P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 12, 2005
ISL43120 INTERSIL-ISL43120 Datasheet
319Kb / 12P
Low-Voltage, Single Supply, Dual SPST Analog Switches
October 18, 2007
ISL43120 INTERSIL-ISL43120 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL43120 INTERSIL-ISL43120 Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results


Similar Description - ISL43120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
January 2002
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 2003
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741 Datasheet
299Kb / 12P
0.8?? Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 0; 7/01
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
Low-Voltage, Single Supply, Dual SPST Analog Switches
October 18, 2007
logo
Maxim Integrated Produc...
MAX4741 MAXIM-MAX4741_06 Datasheet
661Kb / 12P
0.8Ω, Low-Voltage, Single-Supply Dual SPST Analog Switches
Rev 2; 12/06
logo
Intersil Corporation
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com