Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL59420 Datasheet (PDF) - Renesas Technology Corp

ISL59420 Datasheet PDF - Renesas Technology Corp
Part # ISL59420
Download  ISL59420 Download
File Size   775.03 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400MHz Multiplexing Amplifier

ISL59420 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL59420 Datasheet PDF - Renesas Technology Corp

Part # ISL59420
Download  ISL59420 Click to download

File Size   775.03 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 400MHz Multiplexing Amplifier

ISL59420 Datasheet (HTML) - Renesas Technology Corp


ISL59420 Product details

The ISL59420 is a 420MHz bandwidth 2:1 multiplexing amplifier designed primarily for video switching. This Mux-amp has user-settable gain and also feature a high speed three-state function to enable the output of multiple devices to be wired together. All logic inputs have pull-downs to ground and may be left floating. The ENABLE pin, when pulled high, sets the ISL59420 to the low current power-down mode for power sensitive applications - consuming just 5mW.

Features
• 420MHz (-3dB) Bandwidth (AV = 1, VOUT = 400mVP-P)
• 165MHz (-3dB) Bandwidth (AV = 2, VOUT = 2VP-P)
• Slew Rate (AV = 1, RL = 500VOUT = 4V). . . . . . . . . .966V/µs
• Slew Rate (AV = 2, RL = 500VOUT = 5V). . . . . . . . .1462V/µs
• Selectable Gain
• High Speed Three-State Output (HIZ)
• Low Current Power-Down . . . . . . . . . . . . . . . . . . . . . . . . . 5mW
• Pb-Free (RoHS Compliant)

Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-Top Boxes
• Security Video
• Broadcast Video Equipment




Similar Part No. - ISL59420

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
ISL59420 INTERSIL-ISL59420 Datasheet
530Kb / 13P
400MHz Multiplexing Amplifier
July 3, 2012
ISL59420IU INTERSIL-ISL59420IU Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
ISL59420IU-T13 INTERSIL-ISL59420IU-T13 Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
ISL59420IU-T7 INTERSIL-ISL59420IU-T7 Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
More results


Similar Description - ISL59420

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2117 RFMD-RF2117 Datasheet
173Kb / 8P
HIGH EFFICIENCY 400MHZ AMPLIFIER
logo
Intersil Corporation
ISL59420 INTERSIL-ISL59420 Datasheet
548Kb / 12P
400MHz Multiplexing Amplifier
September 22, 2005
ISL59421 INTERSIL-ISL59421 Datasheet
561Kb / 12P
865MHz Multiplexing Amplifier
September 21, 2005
ISL59440 INTERSIL-ISL59440 Datasheet
573Kb / 12P
400MHz Multiplexing Amplifier
September 21, 2005
ISL59441 INTERSIL-ISL59441 Datasheet
571Kb / 12P
900MHz Multiplexing Amplifier
September 21, 2005
ISL59440 INTERSIL-ISL59440_07 Datasheet
435Kb / 12P
400MHz Multiplexing Amplifier
ISL59420IUZ INTERSIL-ISL59420IUZ Datasheet
530Kb / 13P
400MHz Multiplexing Amplifier
July 3, 2012
logo
Renesas Technology Corp
ISL59421 RENESAS-ISL59421 Datasheet
775Kb / 12P
865MHz Multiplexing Amplifier
ISL59440 RENESAS-ISL59440 Datasheet
727Kb / 12P
400MHz Multiplexing Amplifier
ISL59441 RENESAS-ISL59441 Datasheet
773Kb / 12P
900MHz Multiplexing Amplifier
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com