Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL85412 Datasheet (PDF) - Renesas Technology Corp

ISL85412 Datasheet PDF - Renesas Technology Corp
Part # ISL85412
Download  ISL85412 Download
File Size   1099.94 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide VIN 1.2A Synchronous Buck Regulator

ISL85412 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL85412 Datasheet PDF - Renesas Technology Corp

Part # ISL85412
Download  ISL85412 Click to download

File Size   1099.94 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Wide VIN 1.2A Synchronous Buck Regulator

ISL85412 Datasheet (HTML) - Renesas Technology Corp


ISL85412 Product details

Wide VIN 1.2A Synchronous Buck Regulator

The ISL854102 is a 1.2A synchronous buck regulator with an input range of 3V to 40V. It provides an easy to use, high efficiency, low BOM count solution for a variety of applications.

Features
• Wide input voltage range 3V to 40V
• Synchronous operation for high efficiency
• No compensation required
• Integrated high-side and low-side NMOS devices
• Selectable PFM or forced PWM mode at light loads
• Internal fixed (500kHz) or adjustable switching frequency 300kHz to 2MHz
• Continuous output current up to 1.2A
• Internal or external soft-start
• Minimal external components required
• Power-good and enable functions available

Applications
• Industrial control
• Medical devices
• Portable instrumentation
• Distributed power supplies
• Cloud infrastructure




Similar Part No. - ISL85412

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
Wide VIN 150mA Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85412DEMO1Z RENESAS-ISL85412DEMO1Z Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85412EVAL1Z RENESAS-ISL85412EVAL1Z Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85412FRTZ RENESAS-ISL85412FRTZ Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
More results


Similar Description - ISL85412

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL85415 INTERSIL-ISL85415 Datasheet
1Mb / 23P
Wide VIN 500mA Synchronous Buck Regulator
July 15, 2013
ISL85415 INTERSIL-ISL85415_13 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
September 26, 2013
ISL85410 INTERSIL-ISL85410 Datasheet
918Kb / 21P
Wide VIN 1A Synchronous Buck Regulator
November 22, 2013
logo
Altera Corporation
ER3105DI ALTERA-ER3105DI Datasheet
3Mb / 25P
500mA Wide VIN Synchronous Buck Regulator
logo
Intersil Corporation
ISL85412 INTERSIL-ISL85412 Datasheet
994Kb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Renesas Technology Corp
ISL85412 RENESAS-ISL85412 Datasheet
1Mb / 19P
Wide VIN 150mA Synchronous Buck Regulator
ISL85413 RENESAS-ISL85413 Datasheet
1Mb / 20P
Wide VIN 300mA Synchronous Buck Regulator
ISL85415 RENESAS-ISL85415 Datasheet
1Mb / 24P
Wide VIN 500mA Synchronous Buck Regulator
ISL85418 RENESAS-ISL85418 Datasheet
1Mb / 21P
Wide VIN 800mA Synchronous Buck Regulator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com