Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QLX4270RIQSR Datasheet (PDF) - Renesas Technology Corp

QLX4270RIQSR Datasheet PDF - Renesas Technology Corp
Part # QLX4270RIQSR
Download  QLX4270RIQSR Download
File Size   390.63 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DisplayPort Lane Extender

QLX4270RIQSR Datasheet (PDF)

Go To PDF Page Download Datasheet
QLX4270RIQSR Datasheet PDF - Renesas Technology Corp

Part # QLX4270RIQSR
Download  QLX4270RIQSR Click to download

File Size   390.63 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DisplayPort Lane Extender

QLX4270RIQSR Datasheet (HTML) - Renesas Technology Corp


QLX4270RIQSR Product details

DisplayPort Lane Extender

The QLx4270-DP is a settable quad receive-side equalizer with extended functionality for DisplayPort applications. The QLx4270-DP compensates for the frequency dependent attenuation of copper cables, allowing operation on ultra-thin 40AWG cable.
The small form factor, highly-integrated quad design is ideal for high-density data transmission applications including active copper cable assemblies.
Operating on a single 1.2V power supply, the QLx4270-DP enables per channel throughputs of up to 2.7Gb/s. The QLx4270-DP uses current mode logic (CML) inputs/outputs and is packaged in a 4mmx7mm 46 lead QFN.

Features
• Supports data rates up to 2.7Gb/s per lane
• Low power (78mW per channel)
• Low latency (<500ps)
• Four equalizers in a 4mmx7mm QFN package for straight route-through architecture and simplified routing
• Each equalizer boost is independently pin selectable and programmable
• 1.2V supply voltage

Applications
• DisplayPort (VESA DisplayPort Standard v1.1a)
• DisplayPort adaptors and repeaters

Benefits
• Thinner gauge cable
• Extends cable reach greater than 5x
• Improved BER




Similar Part No. - QLX4270RIQSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270RIQSR INTERSIL-QLX4270RIQSR Datasheet
184Kb / 7P
DisplayPort Lane Extender
November 19, 2009
QLX4270RIQSR INTERSIL-QLX4270RIQSR Datasheet
246Kb / 7P
DisplayPort Lane Extender
More results


Similar Description - QLX4270RIQSR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
QLX4270-DP INTERSIL-QLX4270-DP Datasheet
184Kb / 7P
DisplayPort Lane Extender
November 19, 2009
QLX4600-S30 INTERSIL-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
November 19, 2009
QLX4300-S45 INTERSIL-QLX4300-S45 Datasheet
2Mb / 21P
Quad Lane Extender
QLX411GRX INTERSIL-QLX411GRX Datasheet
382Kb / 11P
Quad Lane Extender
November 19, 2009
ISL36411 INTERSIL-ISL36411 Datasheet
201Kb / 12P
Quad Lane Extender
March 25, 2010
QLX4270-DP INTERSIL-QLX4270-DP_10 Datasheet
246Kb / 7P
DisplayPort Lane Extender
QLX4600-SL30 INTERSIL-QLX4600-SL30 Datasheet
1,011Kb / 23P
Quad Lane Extender
logo
Renesas Technology Corp
ISL36411 RENESAS-ISL36411 Datasheet
640Kb / 12P
Quad Lane Extender
QLX4600-S30 RENESAS-QLX4600-S30 Datasheet
1Mb / 23P
Quad Lane Extender
QLX4600-SL30 RENESAS-QLX4600-SL30 Datasheet
1Mb / 23P
Quad Lane Extender
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com