Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM05U20S3 Datasheet (PDF) - Diodes Incorporated

SDM05U20S3 Datasheet PDF - Diodes Incorporated
Part # SDM05U20S3
Download  SDM05U20S3 Download
File Size   289.0 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.5A SCHOTTKY BARRIER RECTIFIER

SDM05U20S3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM05U20S3 Datasheet PDF - Diodes Incorporated

Part # SDM05U20S3
Download  SDM05U20S3 Click to download

File Size   289.0 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 0.5A SCHOTTKY BARRIER RECTIFIER

SDM05U20S3 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - SDM05U20S3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM05U20CSP DIODES-SDM05U20CSP Datasheet
514Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
Rev erse
SDM05U20CSP DIODES-SDM05U20CSP Datasheet
653Kb / 2P
Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
SDM05U20CSP-7 DIODES-SDM05U20CSP-7 Datasheet
514Kb / 5P
0.5A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
Rev erse
More results


Similar Description - SDM05U20S3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B0520LW DIODES-B0520LW_1 Datasheet
84Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30051 Rev. 12 - 2
B0530W DIODES-B0530W_1 Datasheet
383Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30139 Rev. 7 - 2
BAT400D DIODES-BAT400D_1 Datasheet
363Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30182 Rev. 13 - 2
logo
Sanyo Semicon Device
SB0503SH SANYO-SB0503SH Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 0.5A Rectifier
logo
Taiwan Semiconductor Co...
BAT400D TSC-BAT400D Datasheet
48Kb / 2P
0.5A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B0540W DIODES-B0540W_09 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 10 - 2 March 2009
B0520LW DIODES-B0520LW_14 Datasheet
98Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 15
B0540W DIODES-B0540W_15 Datasheet
98Kb / 3P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
BAT400D DIODES-BAT400D_15 Datasheet
342Kb / 4P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
B0540WQ DIODES-B0540WQ Datasheet
439Kb / 5P
0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com