Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOB27S60L Datasheet (PDF) - Alpha & Omega Semiconductors

AOB27S60L Datasheet PDF - Alpha & Omega Semiconductors
Part # AOB27S60L
Download  AOB27S60L Download
File Size   542.28 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 27A a MOS

AOB27S60L Datasheet (PDF)

Go To PDF Page Download Datasheet
AOB27S60L Datasheet PDF - Alpha & Omega Semiconductors

Part # AOB27S60L
Download  AOB27S60L Click to download

File Size   542.28 Kbytes
Page   7 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 600V 27A a MOS

AOB27S60L Datasheet (HTML) - Alpha & Omega Semiconductors


AOB27S60L Product details

General Description
The AOT27S60& AOB27S60 & AOTF27S60 have been fabricated using the advanced αMOSTM high voltage process that is designed to deliver high levels of performance and robustness in switching applications. By providing low RDS(on), Qg and EOSS along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOT27S60L & AOB27S60L & AOTF27S60L

Product Summary
   VDS @ Tj,max  700V
   IDM                   110A
   RDS(ON),max 0.16Ω
   Qg,typ               26nC
   Eoss @ 400V      6µJ

   100% UIS Tested
   100% Rg Tested




Similar Part No. - AOB27S60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB27S60 AOSMD-AOB27S60 Datasheet
301Kb / 6P
600V 27A a MOS Power Transistor
logo
Inchange Semiconductor ...
AOB27S60 ISC-AOB27S60 Datasheet
244Kb / 2P
Isc N-Channel MOSFET Transistor
More results


Similar Description - AOB27S60L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB27S60 AOSMD-AOB27S60 Datasheet
301Kb / 6P
600V 27A a MOS Power Transistor
AOK27S60 AOSMD-AOK27S60 Datasheet
249Kb / 6P
600V 27A a MOS Power Transistor
logo
Renesas Technology Corp
RJL6018DPK RENESAS-RJL6018DPK_12 Datasheet
78Kb / 7P
600V - 27A - MOS FET High Speed Power Switching
RJL6018DPK RENESAS-RJL6018DPK_15 Datasheet
78Kb / 7P
600V - 27A - MOS FET High Speed Power Switching
logo
Alpha & Omega Semicondu...
AOB11S60L AOSMD-AOB11S60L Datasheet
508Kb / 7P
600V 11A a MOS
AOK20S60L AOSMD-AOK20S60L Datasheet
453Kb / 6P
600V 20A a MOS
AOK27S60L AOSMD-AOK27S60L Datasheet
478Kb / 6P
600V 27A a MOS
AOT42S60L AOSMD-AOT42S60L Datasheet
511Kb / 6P
600V 37A a MOS
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com