Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE572 Datasheet (PDF) - NXP Semiconductors

NE572 Datasheet PDF - NXP Semiconductors
Part # NE572
Download  NE572 Download
File Size   125.19 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable analog compandor

NE572 Datasheet (PDF)

Go To PDF Page Download Datasheet
NE572 Datasheet PDF - NXP Semiconductors

Part # NE572
Download  NE572 Click to download

File Size   125.19 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Programmable analog compandor

NE572 Datasheet (HTML) - NXP Semiconductors


NE572 Product details

DESCRIPTION

The NE572 is a dual-channel, high-performance gain control circuit in which either channel may be used for dynamic range compression or expansion. Each channel has a full-wave rectifier to detect the average value of input signal, a linearized, temperature-compensated variable gain cell

(∆G) and a dynamic time constant buffer. The buffer permits independent control of

dynamic attack and recovery time with minimum external components and improved

low frequency gain control ripple distortion over previous compandors.



FEATURES

•Independent control of attack and recovery time

•Improved low frequency gain control ripple

•Complementary gain compression and expansion with external op amp

•Wide dynamic range—greater than 110dB

•Temperature-compensated gain control

•Low distortion gain cell

•Low noise—6µV typical

•Wide supply voltage range—6V-22V

•System level adjustable with external components




Similar Part No. - NE572

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE570 PHILIPS-NE570 Datasheet
107Kb / 12P
Telephone trunk comandor
2003 Apr 03
logo
ON Semiconductor
NE570 ONSEMI-NE570 Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
logo
NXP Semiconductors
NE570 PHILIPS-NE570 Datasheet
400Kb / 7P
Compandor
NE570D PHILIPS-NE570D Datasheet
107Kb / 12P
Telephone trunk comandor
2003 Apr 03
logo
ON Semiconductor
NE570D ONSEMI-NE570D Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
More results


Similar Description - NE572

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA571 PHILIPS-SA571 Datasheet
143Kb / 11P
Compandor
1997 Aug 14
SA572 PHILIPS-SA572 Datasheet
136Kb / 12P
Programmable analog compandor
1998 Nov 03
SA577 PHILIPS-SA577 Datasheet
61Kb / 7P
Unity gain level programmable power compandor
1997 Nov 07
SA578 PHILIPS-SA578 Datasheet
63Kb / 7P
Unity gain level programmable low power compandor
1997 Nov 07
NE577 PHILIPS-NE577 Datasheet
50Kb / 4P
Unity gain level programmable low power compandor
December 15, 1993
logo
ON Semiconductor
SA571 ONSEMI-SA571 Datasheet
104Kb / 11P
Compandor
March, 2006 ??Rev. 4
SA572 ONSEMI-SA572 Datasheet
218Kb / 12P
Programmable Analog Compandor
March, 2006 ??Rev. 2
NE570 ONSEMI-NE570_06 Datasheet
98Kb / 10P
Compandor
May, 2006 ??Rev. 4
logo
AUK corp
SL5015 AUK-SL5015_1 Datasheet
51Kb / 4P
COMPANDOR
logo
ON Semiconductor
NCY9100 ONSEMI-NCY9100 Datasheet
173Kb / 10P
Compandor
April, 2009 ??Rev. 0
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com