Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE617 Datasheet (PDF) - NTE Electronics

NTE617 Datasheet PDF - NTE Electronics
Part # NTE617
Download  NTE617 Download
File Size   19.64 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Varactor Diode

NTE617 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE617 Datasheet PDF - NTE Electronics

Part # NTE617
Download  NTE617 Click to download

File Size   19.64 Kbytes
Page   2 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Varactor Diode

NTE617 Datasheet (HTML) - NTE Electronics


NTE617 Product details

Description:
The NTE617 is a dual voltage–variable capacitance diode designed for FM tuning, general frequency control and tuning, or any top–of–the–line application requiring back–to–back diode configurations for minimum signal distortion and detuning. This device is supplied in the popular TO92 type plastic package for high volume, economical requirements of consumer and industrial applications.

Features:
● High Figure of Merit: Q = 140 (Typ) @ VR = 3V, f = 100MHz
● Guaranteed Capacitance Range: 34 – 39pF @ VR = 3V
● Dual Diodes – Save Space and Reduce Cost
● Monolithic Chip Provides Near Perfect Matching: Guaranteed ±1% (Max) Over Specified Tuning Range




Similar Part No. - NTE617

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE61 NTE-NTE61 Datasheet
24Kb / 2P
Silicon Complementary Transistors High Power Audio, Disk Head Positioner for Linear Applications
NTE610 NTE-NTE610 Datasheet
19Kb / 2P
Voltage Variable Capacitance Diode (Tuning Diode)
NTE6102 NTE-NTE6102 Datasheet
21Kb / 2P
Industrial Rectifier, 550A
NTE6109 NTE-NTE6109 Datasheet
21Kb / 2P
Industrial Rectifier, 550A
NTE611 NTE-NTE611 Datasheet
19Kb / 2P
Voltage Variable Capacitance Diode (Tuning Diode)
More results


Similar Description - NTE617

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE616 NTE-NTE616 Datasheet
15Kb / 1P
Varactor Diode
logo
Sanyo Semicon Device
SVC325 SANYO-SVC325 Datasheet
16Kb / 3P
Varactor Diode
logo
Advanced Semiconductor
MVAM115 ASI-MVAM115 Datasheet
23Kb / 1P
SILICON VARACTOR DIODE
REV. A
logo
Sensitron
SCP-5758 SENSITRON-SCP-5758 Datasheet
163Kb / 2P
HYPERABRUPT VARACTOR DIODE
logo
New Japan Radio
NJX1560 NJRC-NJX1560 Datasheet
57Kb / 3P
VARACTOR DIODE
logo
ON Semiconductor
SVC710 ONSEMI-SVC710 Datasheet
334Kb / 6P
Single Varactor Diode
September, 2013
SVC203C ONSEMI-SVC203C Datasheet
738Kb / 4P
Varactor Diode
October 2014 - Rev. 2
logo
Renesas Technology Corp
1S2207 RENESAS-1S2207 Datasheet
229Kb / 4P
VARACTOR DIODE
1SV218 RENESAS-1SV218 Datasheet
190Kb / 4P
VARACTOR DIODE
1988
1SV222 RENESAS-1SV222 Datasheet
185Kb / 4P
VARACTOR DIODE
1988
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com