Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-C191 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSMS-C191 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSMS-C191
Download  HSMS-C191 Download
File Size   128.66 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Surface Mount Chip LEDs

HSMS-C191 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMS-C191 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSMS-C191
Download  HSMS-C191 Click to download

File Size   128.66 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Surface Mount Chip LEDs

HSMS-C191 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HSMS-C191 Product details

Description
These chip LEDs are designed in an industry standard package for ease of handling and use. Various different LED colors are available in nine compact, single color packages.

Features
• Small size
• Industry standard footprint
• Compatible with IR solder
• Diffused optics
• Operating temperature range of -40°C to +85°C
• Right angle & reverse mount package available
• Various colors available
• Available in 8 mm tape on 7 in. (178 mm) diameter reels

Applications
• Keypad backlighting
• Push-button backlighting
• LCD backlighting
• Symbol backlighting
• Front panel indicator




Similar Part No. - HSMS-C191

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-C191 HP-HSMS-C191 Datasheet
221Kb / 8P
Low Profile ChipLED
HSMS-C191 HP-HSMS-C191 Datasheet
310Kb / 13P
Surface Mount Chip LEDs
More results


Similar Description - HSMS-C191

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174DR UOT-MSL-174DR Datasheet
34Kb / 2P
Surface Mount Chip LEDs
MSL-174UG UOT-MSL-174UG Datasheet
33Kb / 2P
Surface Mount Chip LEDs
MSL-194SO UOT-MSL-194SO Datasheet
33Kb / 2P
Surface Mount Chip LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
Surface Mount Chip LEDs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com