Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C101 Datasheet (PDF) - List of Unclassifed Manufacturers

RE46C101 Datasheet PDF - List of Unclassifed Manufacturers
Part # RE46C101
Download  RE46C101 Download
File Size   42.46 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Piezoelectric Horn Driver and LED Driver Circuit

RE46C101 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C101 Datasheet PDF - List of Unclassifed Manufacturers

Part # RE46C101
Download  RE46C101 Click to download

File Size   42.46 Kbytes
Page   3 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Piezoelectric Horn Driver and LED Driver Circuit

RE46C101 Datasheet (HTML) - List of Unclassifed Manufacturers


RE46C101 Product details

[R & E International, Inc.]

General Description
This product is intended for applications using a self oscillating piezoelectric horn although it can be used in direct drive applications. Feedback control and a driver circuit are provided as well as a horn enable function. The design also provides an open drain N-channel driver suitable for use with a light emitting diode.

Features
• Low Quiescent Current (<100na)
• Low Driver Ron - 20Ω typical at 9V
• Wide Operating Voltage Range
• 8 Pin DIP and SO Packages

Applications
    Smoke detectors
    CO Detectors
    Personal Security Products
    Electronic Toys




Similar Part No. - RE46C101

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
Piezoelectric Horn Driver and LED Driver Circuit
2009
More results


Similar Description - RE46C101

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C117 MICROCHIP-RE46C117 Datasheet
214Kb / 6P
DC to DC Converter and Piezoelectric Horn Driver
2009
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
Piezoelectric Horn Driver and LED Driver Circuit
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
Piezoelectric Horn Driver and Voltage Converter
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C100 MICROCHIP-RE46C100_14 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com