Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD780973 Datasheet (PDF) - NEC

UPD780973 Datasheet PDF - NEC
Part # UPD780973
Download  UPD780973 Download
File Size   1149.94 Kbytes
Page   301 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-Bit Single-Chip Microcontrollers

UPD780973 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD780973 Datasheet PDF - NEC

Part # UPD780973
Download  UPD780973 Click to download

File Size   1149.94 Kbytes
Page   301 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 8-Bit Single-Chip Microcontrollers

UPD780973 Datasheet (HTML) - NEC


UPD780973 Product details

Features

• High-speed instruction execution time (0.24 µs: @ 8.38-MHz operation with main system clock)

• Instruction set suited to system control

• Bit manipulation possible in all address spaces

• Multiply and divide instructions

• Fifty-six I/O ports : (including pins that have an alternate function as segment signal output)

• LCD controller/driver

• Segment signal output : 20 max.

• Common signal output : 4 max.

• Bias : 1/3 bias

• Power supply voltage : VLCD = 3.0 V to VDD

• 8-bit resolution A/D converter : 5 channels

• Serial interface : 2 channels

• 3-wire serial I/O mode : 1 channel

• UART mode : 1 channel

• Timer : Six channels

• 16-bit timer : 1 channel

• 8-bit timer : 1 channel

• 8-bit timer/event counter : 2 channels

• Watch timer : 1 channel

• Watchdog timer : 1 channel

• Meter controller/driver : PWM output (8-bit resolution) : 16

: Can set pulse width with a precision of 8 + 1 bits with 1-bit addition function

• Sound generator : 1 channel

• Vectored interrupt sources : 21

• Power supply voltage : VDD = 5 V ±10%




Similar Part No. - UPD780973

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD780921 RENESAS-UPD780921 Datasheet
474Kb / 40P
MOS INTEGRATED CIRCUIT
1996
UPD780922 RENESAS-UPD780922 Datasheet
474Kb / 40P
MOS INTEGRATED CIRCUIT
1996
UPD780923 RENESAS-UPD780923 Datasheet
474Kb / 40P
MOS INTEGRATED CIRCUIT
1996
logo
NEC
UPD780924 NEC-UPD780924 Datasheet
214Kb / 42P
8-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
UPD780924 RENESAS-UPD780924 Datasheet
474Kb / 40P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD780973

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GMS81C1102 HYNIX-GMS81C1102 Datasheet
1Mb / 89P
8-BIT SINGLE-CHIP MICROCONTROLLERS
GMS81C1404 HYNIX-GMS81C1404 Datasheet
853Kb / 93P
8-BIT SINGLE-CHIP MICROCONTROLLERS
HMS99C52 HYNIX-HMS99C52 Datasheet
533Kb / 43P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD780138 NEC-UPD780138 Datasheet
4Mb / 558P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C7216 ETC1-GMS81C7216 Datasheet
1Mb / 121P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD789026 NEC-UPD789026 Datasheet
840Kb / 213P
8-Bit Single-Chip Microcontrollers
UPD780204 NEC-UPD780204 Datasheet
2Mb / 418P
8-Bit Single-Chip Microcontrollers
logo
List of Unclassifed Man...
GMS81C1404 ETC1-GMS81C1404 Datasheet
1Mb / 98P
8-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
8-Bit Single-Chip Microcontrollers
PD78F9210CS RENESAS-PD78F9210CS_15 Datasheet
356Kb / 30P
8-BIT SINGLE-CHIP MICROCONTROLLERS
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com