Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR554PFRA Datasheet (PDF) - Rohm

2SCR554PFRA Datasheet PDF - Rohm
Part # 2SCR554PFRA
Download  2SCR554PFRA Download
File Size   1520.06 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor (80V / 1.5A)

2SCR554PFRA Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR554PFRA Datasheet PDF - Rohm

Part # 2SCR554PFRA
Download  2SCR554PFRA Click to download

File Size   1520.06 Kbytes
Page   8 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Middle Power Transistor (80V / 1.5A)

2SCR554PFRA Datasheet (HTML) - Rohm




Similar Part No. - 2SCR554PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR554P ROHM-2SCR554P Datasheet
246Kb / 5P
Midium Power Transistors (80V / 1.5A)
2SCR554P5 ROHM-2SCR554P5 Datasheet
1Mb / 9P
Middle Power Transistors (80V / 1.5A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
Midium Power Transistors (80V / 1.5A)
More results


Similar Description - 2SCR554PFRA

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/1.5A)
2SCR554P5 ROHM-2SCR554P5 Datasheet
1Mb / 9P
Middle Power Transistors (80V / 1.5A)
2SAR514PFRA ROHM-2SAR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -0.7A)
2SAR544PFRA ROHM-2SAR544PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -2.5A)
2SAR554PFRA ROHM-2SAR554PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -1.5A)
2SCR514PFRA ROHM-2SCR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (80V / 0.7A)
2SCR544PFRA ROHM-2SCR544PFRA Datasheet
1Mb / 8P
Middle Power Transistor (80V / 2.5A)
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SAR554PHZG ROHM-2SAR554PHZG Datasheet
1Mb / 9P
Middle Power Transistor (-80V / -1.5A)
20181011 - Rev.001
2SCR514PHZG ROHM-2SCR514PHZG Datasheet
1Mb / 9P
Middle Power Transistor (80V / 0.7A)
20181012 - Rev.001
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com