Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE6507 Datasheet (PDF) - NTE Electronics

NTE6507 Datasheet PDF - NTE Electronics
Part # NTE6507
Download  NTE6507 Download
File Size   35.84 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC

NTE6507 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE6507 Datasheet PDF - NTE Electronics

Part # NTE6507
Download  NTE6507 Click to download

File Size   35.84 Kbytes
Page   4 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC

NTE6507 Datasheet (HTML) - NTE Electronics


NTE6507 Product details

Description:
The NTE6507 integrated circuit is an 8 bit microprocessor in a 28–Lead DIP type package which provides a selection of addressable memory range, interrupt input options, and on–chip clock oscillators and drivers. This device is bus compatible with the MC6800 product offering and is aimed at high performance, low cost applications where single phase inputs or crystals provide the time base.

Features:
● Single 5V ±5% Power Supply
● N Channel, Silicon Gate, Depletion Load Technology
● 8 Bit Parallel Processing
● Decimal and Binary Arithmetic
● Thirteen Addressing Modes
● True Indexing Capability
● Programmable Stack Pointer
● Variable Length Stack
● Bi–Directional Data Bus
● Instruction Decoding and Control
● 8k Addressable Bytes of Memory
● “Ready” Input
● Direct Memory Access Capability
● Bus Compatible with MC6800
● On–Board Clock
● 1MHz Operating Frequency




Similar Part No. - NTE6507

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6508 NTE-NTE6508 Datasheet
37Kb / 4P
Integrated Circuit CMOS, 1K Static RAM (SRAM)
More results


Similar Description - NTE6507

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1312 NTE-NTE1312 Datasheet
21Kb / 3P
Integrated Circuit Vertical OSC, Amp
NTE2053 NTE-NTE2053 Datasheet
41Kb / 5P
Integrated Circuit 8-Bit MPU Compatible A/D Converter
NTE21128 NTE-NTE21128 Datasheet
37Kb / 6P
Integrated Circuit NMOS, 128K (16K x 8) UV EPROM
NTE3880 NTE-NTE3880 Datasheet
37Kb / 5P
Integrated Circuit NMOS, 8-Bit Microprocessor (MPU), 4MHz
NTE6809 NTE-NTE6809 Datasheet
35Kb / 4P
Integrated Circuit NMOS, 8-Bit Microprocessor (MPU)
logo
Toshiba Semiconductor
TMPZ84C00A TOSHIBA-TMPZ84C00A Datasheet
2Mb / 58P
TLCS-Z80 MPU : 8-BIT MICROPROCESSOR
logo
List of Unclassifed Man...
EF6809E ETC-EF6809E Datasheet
1Mb / 39P
8 BIT MICROPROCESSOR UNIT (MPU)
logo
STMicroelectronics
EF6801 STMICROELECTRONICS-EF6801 Datasheet
2Mb / 49P
MICROCOMPUTER / MICROPROCESSOR (MCU/MPU)
logo
Intel Corporation
8031AH INTEL-8031AH_95 Datasheet
168Kb / 11P
NMOS SINGLE-CHIP 8-BIT MICROCONTROLLERS
logo
NEC
PD780 NEC-PD780 Datasheet
711Kb / 24P
HIGH·PERFORMANCE CP/M® ·COMPATIBLE NMOS 8·BIT MICROPROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com