Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R6015ENX Datasheet (PDF) - Rohm

R6015ENX Datasheet PDF - Rohm
Part # R6015ENX
Download  R6015ENX Download
File Size   2468.09 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 15A Power MOSFET

R6015ENX Datasheet (PDF)

Go To PDF Page Download Datasheet
R6015ENX Datasheet PDF - Rohm

Part # R6015ENX
Download  R6015ENX Click to download

File Size   2468.09 Kbytes
Page   14 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Nch 600V 15A Power MOSFET

R6015ENX Datasheet (HTML) - Rohm




Similar Part No. - R6015ENX

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
R6015ENX ISC-R6015ENX Datasheet
296Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - R6015ENX

ManufacturerPart #DatasheetDescription
logo
Rohm
R6015ANX ROHM-R6015ANX_12 Datasheet
1Mb / 14P
Nch 600V 15A Power MOSFET
R6015ENJ ROHM-R6015ENJ Datasheet
2Mb / 14P
Nch 600V 15A Power MOSFET
R6015ENZ ROHM-R6015ENZ Datasheet
923Kb / 13P
Nch 600V 15A Power MOSFET
R6015FNJ ROHM-R6015FNJ Datasheet
3Mb / 15P
Nch 600V 15A Power MOSFET
R6015KNJ ROHM-R6015KNJ Datasheet
2Mb / 14P
Nch 600V 15A Power MOSFET
R6015KNX ROHM-R6015KNX Datasheet
2Mb / 14P
Nch 600V 15A Power MOSFET
R6015KNZ ROHM-R6015KNZ Datasheet
2Mb / 14P
Nch 600V 15A Power MOSFET
RD3L150SN ROHM-RD3L150SN Datasheet
2Mb / 16P
Nch 60V 15A Power MOSFET
RD3L150SNFRA ROHM-RD3L150SNFRA Datasheet
2Mb / 15P
Nch 60V 15A Power MOSFET
R6515KNX3 ROHM-R6515KNX3 Datasheet
2Mb / 14P
Nch 650V 15A Power MOSFET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com