Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW1681 Datasheet (PDF) - Anpec Electronics Coropration

APW1681 Datasheet PDF - Anpec Electronics Coropration
Part # APW1681
Download  APW1681 Download
File Size   82.37 Kbytes
Page   7 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3-Channel Power Supply Supervisor

APW1681 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW1681 Datasheet PDF - Anpec Electronics Coropration

Part # APW1681
Download  APW1681 Click to download

File Size   82.37 Kbytes
Page   7 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3-Channel Power Supply Supervisor

APW1681 Datasheet (HTML) - Anpec Electronics Coropration


APW1681 Product details

General Description

The APW1681 is designed to minimize the external components of personal-computer switching power supply systems. It provides protection circuits, power good indicator, fault protection output FPO and PSON control.



Features

• Over Voltage Protection and Lock Out for 3.3 V, 5 V, and 12 V

• Under Voltage Protection and Lock Out for 3.3 V and 5 V

• Fault Protection Output with Open Drain Output Stage

• Open Drain Power Good Output Signal for Power Good Input, 3.3 V and 5 V

• 300 ms Power Good Delay

• 2.36 ms Control to Turn-Off Delay

• 38 ms PSON Control Debounce

• 75 ms Delay for 3.3V and 5V Under Voltage Protection

• 73 µs Width Noise Deglitches

• Wide Power Supply Voltage Range from 4 V to 15 V

• Intelligent Under Voltage Protection to Prevent Instantaneously AC Power Black Out PSON FPO



Applications

• PC Switching Power Supply



 




Similar Part No. - APW1681

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
APW1680JC-TU ANPEC-APW1680JC-TU Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
APW1683JC-TU ANPEC-APW1683JC-TU Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
More results


Similar Description - APW1681

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5510 TI-TPS5510 Datasheet
91Kb / 6P
3-CHANNEL POWER SUPPLY SUPERVISOR
TPS5511 TI-TPS5511 Datasheet
118Kb / 8P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
IMP, Inc
IMP809 IMP-IMP809 Datasheet
167Kb / 7P
3-Pin Microcontroller Power Supply Supervisor
logo
Anpec Electronics Corop...
APW1683 ANPEC-APW1683 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
Advanced Analog Technol...
AAT1015 AAT-AAT1015 Datasheet
130Kb / 11P
3-CHANNEL PC POWER SUPPLY SUPERVISOR
V 1.0
logo
IMP, Inc
IMP6303 IMP-IMP6303 Datasheet
144Kb / 8P
3-Pin Microcontroller Power Supply Supervisor
logo
Advanced Analog Technol...
AAT1014 AAT-AAT1014 Datasheet
136Kb / 11P
3-CHANNEL PC POWER SUPPLY SUPERVISOR
V 1.0
logo
Anpec Electronics Corop...
APW1680 ANPEC-APW1680 Datasheet
84Kb / 7P
3-Channel Power Supply Supervisor
logo
Texas Instruments
TPS5510 TI1-TPS5510_05 Datasheet
119Kb / 7P
3-CHANNEL POWER SUPPLY SUPERVISOR
logo
Grenergy Opto, lnc.
GR8313 GRENERGY-GR8313 Datasheet
729Kb / 10P
3-Channel Supervisor IC for Power Supply
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com