| Manufacturer | Part # | Datasheet | Description |
 Alpha & Omega Semicondu... |
AOZ3101
|
878Kb / 14P |
2A Synchronous EZBuckTM Regulator
|
|
AOZ6605
|
650Kb / 16P |
EZBuckTM 5A Synchronous Buck Regulator
|
|
AOZ6623DI
|
910Kb / 15P |
EZBuckTM 3A Synchronous Buck Regulator
|
|
AOZ6662DI
|
984Kb / 16P |
EZBuckTM 2A Synchronous Buck Regulator
Rev. 1.2 January 2021 |
|
AOZ6663DI
|
691Kb / 17P |
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.0 October 2020 |
|
AOZ6689CI
|
657Kb / 15P |
EZBuckTM 3A Synchronous Buck Regulator
Rev. 1.1 May 2021 |
|
AOZ6604PI
|
982Kb / 16P |
EZBuckTM 4A Synchronous Buck Regulator
Rev. 1.1 December 2017 |
|
AOZ6606PI
|
992Kb / 16P |
EZBuckTM 6A Synchronous Buck Regulator
Rev. 1.1 November 2018 |
|
AOZ6683CI
|
656Kb / 15P |
EZBuckTM 3A Synchronous Buck Regulator
Rev. 2.2 May 2021 |
|
AOZ6762DI
|
877Kb / 15P |
EZBuckTM 2A 1.25MHz Synchronous Buck Regulator
Rev. 1.1 April 2021 |