Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC132G7 Datasheet (PDF) - Hittite Microwave Corporation

HMC132G7 Datasheet PDF - Hittite Microwave Corporation
Part # HMC132G7
Download  HMC132G7 Download
File Size   64.08 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ

HMC132G7 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC132G7 Datasheet PDF - Hittite Microwave Corporation

Part # HMC132G7
Download  HMC132G7 Click to download

File Size   64.08 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ

HMC132G7 Datasheet (HTML) - Hittite Microwave Corporation


HMC132G7 Product details

General Description
The HMC132G7 and HMC132P7 are the packaged versions of the HMC132 MMIC SPDT switch. Both use the same 7-pin ceramic package but with modified lead configurations. The G7 suffix designates package leads configured for surface mount while the P7 suffix designates package leads configured for microstrip insertion. The device is a fast, broadband SPDT switch featuring high (> 40 dB) isolation over the entire band. The switch is non-reflective at both RF1 and RF2 ports.

Features
    BANDWIDTH: DC-6 GHz
    HIGH ISOLATION : > 40 dB
    NON-REFLECTIVE DESIGN




Similar Part No. - HMC132G7

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
More results


Similar Description - HMC132G7

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
SSW-108 STANFORD-SSW-108 Datasheet
83Kb / 2P
DC-4 GHz High Isolation GaAs MMIC SPDT Switch
SSW-208 STANFORD-SSW-208 Datasheet
79Kb / 2P
DC-4 GHz, High Isolation GaAs MMIC SPDT Switch
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G8 HITTITE-HMC232G8_08 Datasheet
147Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
HMC233G8 HITTITE-HMC233G8_08 Datasheet
157Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
HMC607 HITTITE-HMC607_09 Datasheet
214Kb / 6P
GaAs MMIC HIGH ISOLATION SPDT SWITCH, DC - 15 GHz
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com