Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDTCV109E Datasheet (PDF) - Integrated Device Technology

IDTCV109E Datasheet PDF - Integrated Device Technology
Part # IDTCV109E
Download  IDTCV109E Download
File Size   104.28 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK GENERATOR FOR DESKTOP PC PLATFORMS

IDTCV109E Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTCV109E Datasheet PDF - Integrated Device Technology

Part # IDTCV109E
Download  IDTCV109E Click to download

File Size   104.28 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description CLOCK GENERATOR FOR DESKTOP PC PLATFORMS

IDTCV109E Datasheet (HTML) - Integrated Device Technology


IDTCV109E Product details

DESCRIPTION:
IDTCV109E is a 48 pin clock generation device for desktop PC platforms. This chip incorporates four PLLs to allow independent generation of CPU, AGP/PCI, SRC, and 48MHz clocks. The dedicated PLL for Serial ATA clock provides high accuracy frequency. This device also implements Band-gap referenced IREF to reduce the impact of VDD variation on differential outputs, which can provide more robust system performance.
Static PLL frequency divide error can be as low as 36 ppm, providing high accuracy output clock. Each CPU, AGP/PCI, SRC clock has its own Spread Spectrum selection.

FEATURES:
• 4 PLL architecture
• Linear frequency programming
• Independent frequency programming and SSC control
• Band-gap circuit for differential output
• High power-noise rejection ratio
• 66MHz to 533MHz CPU frequency
• VCO frequency up to 1.1G
• Support index block read/write, single cycle index block read
• Programmable REF, 3V66, PCI, 48MHz I/O drive strength
• Programmable 3V66 and PCI Skew
• Available in SSOP package




Similar Part No. - IDTCV109E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV105EPV RENESAS-IDTCV105EPV Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Similar Description - IDTCV109E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
Clock Generator Circuit for desktop video systems CGC
August 1996
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
Clock generator for PC
logo
Pericom Semiconductor C...
PI6C410 PERICOM-PI6C410 Datasheet
711Kb / 16P
Clock Generator for Intel PCI-Express Desktop Chipset
PI6C100 PERICOM-PI6C100 Datasheet
584Kb / 13P
Precision Clock Synthesizer for Desktop PC’s
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Pericom Semiconductor C...
PI6LC4833 PERICOM-PI6LC4833 Datasheet
1,018Kb / 13P
Clock Generator for Power PC
logo
Renesas Technology Corp
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com