Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3344E Datasheet (PDF) - Maxim Integrated Products

MAX3344E Datasheet PDF - Maxim Integrated Products
Part # MAX3344E
Download  MAX3344E Download
File Size   406.81 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -5kV ESD-Protected USB Transceivers in UCSP with USB Detect

MAX3344E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3344E Datasheet PDF - Maxim Integrated Products

Part # MAX3344E
Download  MAX3344E Click to download

File Size   406.81 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description -5kV ESD-Protected USB Transceivers in UCSP with USB Detect

MAX3344E Datasheet (HTML) - Maxim Integrated Products


MAX3344E Product details

General Description
The MAX3344E/MAX3345E USB transceivers convert logic-level signals to USB signals, and USB signals to logic-level signals. An internal 1.5kΩ USB pullup resistor supports full-speed (12Mbps) USB operation. The MAX3344E/MAX3345E provide built-in ±15kV ESD-protection circuitry on the USB I/O pins, D+ and D-, and VCC.

Features
♦ ±15kV ESD Protection On D+ and D-
♦ Comply with USB Specification 1.1 (Full Speed 2.0)
♦ Separate VP and VM Inputs/Outputs
♦ VL Down to 1.65V Allows Connection with LowVoltage ASICs
♦ Enumerate Input—Allows USB Connection
   through Software
♦ USB Detect Function
   3.6V (min) to 4V (max)—MAX3344E
   1V (min) to 2.8V (max)—MAX3345E
♦ Allow Single-Ended or Differential Logic I/O
♦ Internal Linear Regulator Allows Direct Powering
   from the USB
♦ Internal Pullup Resistor for Full-Speed Operation
♦ Three-State Outputs
♦ No Power-Supply Sequencing Required
♦ Driver Active in Suspend Mode
♦ Available in Miniature Chip-Scale Package

Applications
   Cell Phones
   PC Peripherals
   Information Appliances
   Data Cradles
   PDAs
   MP3 Players
   Digital Cameras




Similar Part No. - MAX3344E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
High Speed Quad SPST Analog Switch
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEBE MAXIM-MAX3341EEBE Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3341EEUD MAXIM-MAX3341EEUD Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
More results


Similar Description - MAX3344E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3228E MAXIM-MAX3228E Datasheet
251Kb / 15P
짹15kV ESD-Protected @.5V to %.5V RS-232 Transceivers in UCSP
19-2139; Rev 0; 8/01
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX3230E MAXIM-MAX3230E Datasheet
797Kb / 15P
15kV ESD-Protected 2.5V to 5.5V RS-232 Transceivers in UCSP
Rev 0; 5/04
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
/-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
MAX3341E MAXIM-MAX3341E Datasheet
341Kb / 15P
±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Rev 0; 4/02
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com