Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3VM-61G3 Datasheet (PDF) - Omron Electronics LLC

G3VM-61G3 Datasheet PDF - Omron Electronics LLC
Part # G3VM-61G3
Download  G3VM-61G3 Download
File Size   525.01 Kbytes
Page   3 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Ultrasensitive MOS FET Relay with Driving current 0.2 mA (maximum) in 60-V Load series.

G3VM-61G3 Datasheet (PDF)

Go To PDF Page Download Datasheet
G3VM-61G3 Datasheet PDF - Omron Electronics LLC

Part # G3VM-61G3
Download  G3VM-61G3 Click to download

File Size   525.01 Kbytes
Page   3 Pages
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC
Description Ultrasensitive MOS FET Relay with Driving current 0.2 mA (maximum) in 60-V Load series.

G3VM-61G3 Datasheet (HTML) - Omron Electronics LLC




Similar Part No. - G3VM-61G3

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3VM-61G3 OMRON-G3VM-61G3 Datasheet
2Mb / 6P
MOS FET Relays SOP 4-pin, General-purpose Type
More results


Similar Description - G3VM-61G3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7112-1A NEC-PS7112-1A Datasheet
74Kb / 12P
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
fujitsu semiconductor
FTR-SL FUJITSU-FTR-SL Datasheet
393Kb / 6P
SOLID STATE RELAY 1 Maximum Load current 1A
SG-12A03CVL FUJITSU-SG-12A03CVL Datasheet
390Kb / 6P
SOLID STATE RELAY MAXIMUM LOAD CURRENT 3 A
SJ-12D01HZRN FUJITSU-SJ-12D01HZRN Datasheet
378Kb / 7P
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
Maximum output current: 60 mA
logo
Omron Electronics LLC
G3VM-201G2 OMRON-G3VM-201G2 Datasheet
675Kb / 3P
Ultrasensitive MOS FET Relays in 200-V Load series for electric power saving.
G3VM-401G1 OMRON-G3VM-401G1 Datasheet
535Kb / 3P
Ultrasensitive MOS FET Relays in 400-V Load series for electric power saving.
G3VM-601G1 OMRON-G3VM-601G1 Datasheet
544Kb / 3P
Ultrasensitive MOS FET Relays in 600-V Load series for electric power saving.
logo
PHOENIX CONTACT
2701154 PHOENIX-2701154 Datasheet
101Kb / 5P
Maximum permissible load current per sensor: 250 mA
logo
Omron Electronics LLC
G3VM-21MT OMRON-G3VM-21MT Datasheet
2Mb / 9P
MOS FET Relay in module package with very low leakage current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com