Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZXTDA1M832 Datasheet (PDF) - Zetex Semiconductors

ZXTDA1M832 Datasheet PDF - Zetex Semiconductors
Part # ZXTDA1M832
Download  ZXTDA1M832 Download
File Size   266.37 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION

ZXTDA1M832 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZXTDA1M832 Datasheet PDF - Zetex Semiconductors

Part # ZXTDA1M832
Download  ZXTDA1M832 Click to download

File Size   266.37 Kbytes
Page   8 Pages
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION

ZXTDA1M832 Datasheet (HTML) - Zetex Semiconductors


ZXTDA1M832 Product details

DESCRIPTIO
Packaged in the new innovative 3mm x 2mm MLP (Micro Leaded Package), these low saturation NPN / PNP combination dual transistors offer lower on state losses making them ideal for use in DC-DC circuits and various driving and power-management functions.

Users will also gain several other key benefits:
   Performance capability equivalent to much larger packages
   Improved circuit efficiency & power levels
   PCB area and device placement savings
   Lower package height (0.9mm nom)
   Reduced component count

FEATURES
• Low Equivalent On Resistance
• Extremely Low Saturation Voltage (100mV max @1A--NPN)
• HFE specified up to 12A
• IC = 4.5A Continuous Collector Current
• 3mm x 2mm MLP

APPLICATIONS
• DC - DC Converters
• Charging circuits
• Power switches
• Motor control
• LED Backlighting circuits




Similar Part No. - ZXTDA1M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTDA1M832TA DIODES-ZXTDA1M832TA Datasheet
484Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTDA1M832TC DIODES-ZXTDA1M832TC Datasheet
484Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
More results


Similar Description - ZXTDA1M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC Datasheet
231Kb / 9P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
Rev 3
ZXTN617MA DIODES-ZXTN617MA Datasheet
164Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 4
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTDAM832 DIODES-ZXTDAM832 Datasheet
439Kb / 6P
DUAL 15V NPN LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
JUNE 2002
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
JUNE 2002
ZXTAM322 DIODES-ZXTAM322 Datasheet
391Kb / 6P
15V NPN LOW SATURATION TRANSISTOR
JUNE 2002
ZXTC6717MC DIODES-ZXTC6717MC_15 Datasheet
231Kb / 9P
COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTOR
Rev 4
ZXTD6717E6 DIODES-ZXTD6717E6_15 Datasheet
772Kb / 8P
COMPLEMENTARY 15V NPN & 12V PNP LOW SATURATION TRANSISTORS IN SOT26
Rev 4
ZXTN617MA DIODES-ZXTN617MA_15 Datasheet
166Kb / 7P
15V NPN LOW SATURATION TRANSISTOR
Rev 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com