Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT8010 Datasheet (PDF) - ON Semiconductor

FT8010 Datasheet PDF - ON Semiconductor
Part # FT8010
Download  FT8010 Download
File Size   681.28 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Reset Timer with Configurable Delay Time

FT8010 Datasheet (PDF)

Go To PDF Page Download Datasheet
FT8010 Datasheet PDF - ON Semiconductor

Part # FT8010
Download  FT8010 Click to download

File Size   681.28 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Reset Timer with Configurable Delay Time

FT8010 Datasheet (HTML) - ON Semiconductor


FT8010 Product details

Description
The FT8010 is a timer for resetting a mobile device where long reset times are needed. The long time delay helps avoid unintended resets caused by accidental key presses. Two delays can be selected by hard-wiring the DSR pin: 7.5 ±20% seconds or 11.25 ±20% seconds.

Features
■ Long Delay Configurable to 7.5 or 11.25 Seconds
■ Primary and Secondary Input Reset Pins
■ Push-Pull and Open-Drain Output Pins
■ 1.8 V to 5.0 V Operation (TA=-40°C to +85°C)
■ 1.7 V to 5.0 V Operation (TA=-25°C to +85°C)
■ 1.65 V to 5.0 V Operation (TA=0°C to +85°C)
■ Packaged in 10-Lead UMLP (1.4 mm x 1.8 mm) and 8-Lead MLP (2.0 mm x 2.0 mm) Packages




Similar Part No. - FT8010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
FT8010MPX FAIRCHILD-FT8010MPX Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
FT8010UMX FAIRCHILD-FT8010UMX Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
More results


Similar Description - FT8010

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FT3001 FAIRCHILD-FT3001 Datasheet
673Kb / 10P
Reset Timer with Configurable Delay
FT7511 FAIRCHILD-FT7511 Datasheet
1Mb / 8P
Reset Timer with Fixed Delay and Reset Pulse
FT7522 FAIRCHILD-FT7522 Datasheet
1Mb / 8P
Reset Timer with Fixed Delay and Reset Pulse
FT8010 FAIRCHILD-FT8010 Datasheet
476Kb / 13P
Reset Timer with Configurable Delay Time
FT10001 FAIRCHILD-FT10001 Datasheet
1Mb / 11P
Reset Timer with Fixed Delay and Reset Pulse
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
Reset Timer with Delay Time
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
Reset Timer with Delay Time
logo
ON Semiconductor
FT3001 ONSEMI-FT3001 Datasheet
483Kb / 12P
Reset Timer with Configurable Delay
October 2012 Rev. 1.0.4
FT7511 ONSEMI-FT7511 Datasheet
692Kb / 10P
Reset Timer with Fixed Delay and Reset Pulse
July 2012 Rev. 1.0.0
FT7521 ONSEMI-FT7521 Datasheet
674Kb / 11P
Reset Timer with Fixed Delay and Reset Pulse
February 2013 Rev. 1.0.8
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com