Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI-8033JF Datasheet (PDF) - Sanken electric

SI-8033JF Datasheet PDF - Sanken electric
Part # SI-8033JF
Download  SI-8033JF Download
File Size   87.47 Kbytes
Page   6 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Full-Mold, Separate Excitation Switching Type

SI-8033JF Datasheet (PDF)

Go To PDF Page Download Datasheet
SI-8033JF Datasheet PDF - Sanken electric

Part # SI-8033JF
Download  SI-8033JF Click to download

File Size   87.47 Kbytes
Page   6 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Full-Mold, Separate Excitation Switching Type

SI-8033JF Datasheet (HTML) - Sanken electric


SI-8033JF Product details

■ Features
• Compact full-mold package (equivalent to TO220)
• Output current: 1.5 A
• High efficiency: 79 to 91%
• Requires only 4 external components
• Phase correction and output voltage adjustment performed internally
• Choke coil size can be reduced through the employment of high frequency (125 kHz) design
• Built-in foldback overcurrent protection, thermal protection circuits
• Output ON/OFF capable (OFF state current consumption: 200 µA max.)
• Soft start possible via ON/OFF pin

■ Applications
• Power supplies for telecommunication equipment
• Onboard local power supplies




Similar Part No. - SI-8033JF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-8033JF ALLEGRO-SI-8033JF Datasheet
335Kb / 9P
Step-Down to 3.3 V, 1.5 A, DC/DC Converter
logo
Sanken electric
SI-8033JF SANKEN-SI-8033JF Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
More results


Similar Description - SI-8033JF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000E SANKEN-SI-8000E Datasheet
41Kb / 4P
Full-Mold, Separate Excitation Switching Type
SI-8000S SANKEN-SI-8000S Datasheet
63Kb / 6P
Full-Mold, Separate Excitation Switching Type
SI-8000JF SANKEN-SI-8000JF_11 Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8015JF SANKEN-SI-8015JF Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050E SANKEN-SI-8050E Datasheet
49Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050JF SANKEN-SI-8050JF Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8050S SANKEN-SI-8050S Datasheet
61Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8090S SANKEN-SI-8090S Datasheet
61Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120JF SANKEN-SI-8120JF Datasheet
83Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
SI-8120S SANKEN-SI-8120S Datasheet
61Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com