Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMZ25332B4 Datasheet (PDF) - NXP Semiconductors

MMZ25332B4 Datasheet PDF - NXP Semiconductors
Part # MMZ25332B4
Download  MMZ25332B4 Download
File Size   1215.32 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description InGaP GaAs HBT

MMZ25332B4 Datasheet (PDF)

Go To PDF Page Download Datasheet
MMZ25332B4 Datasheet PDF - NXP Semiconductors

Part # MMZ25332B4
Download  MMZ25332B4 Click to download

File Size   1215.32 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description InGaP GaAs HBT

MMZ25332B4 Datasheet (HTML) - NXP Semiconductors


MMZ25332B4 Product details

1500–2700 MHz, 26.5 dB, 33 dBm InGaP HBT LINEAR AMPLIFIER

The MMZ25332B4 is a versatile 2--stage power amplifier targeted at driver and pre--driver applications for macro and micro base stations and final stage applications for small cells. Its versatile design allows operation in any frequency band from 1500 to 2700 MHz providing gain of more than 26.5 dB. The device operates off a 5 V supply, and its bias currents and portions of the matching networks are adjustable for optimum performance in any specific application. It is housed in a QFN 4 x 4 surface mount package which allows for maximum via hole pattern. The MMZ25332B4 offers exceptional reliability, ruggedness and ESD performance.


● Typical Performance: VCC1 = VCC2 = VBIAS = 5 Vdc, ICQ = 400 mA
 
Features
● Frequency: 1500–2700 MHz
● P1dB: 33 dBm @ 2500 MHz
● Power gain: 26.5 dB @ 2500 MHz
● OIP3: 48 dBm @ 2500 MHz
● EVM ≤ 3% @ 23.5 dBm Pout, WLAN (802.11g)
● Active bias control (adjustable externally)
● Power down control via VBIAS
● Single 3 to 5 volt supply
● Single--ended power detector
● Cost--effective 24--pin, 4 mm QFN surface mount plastic package




Similar Part No. - MMZ25332B4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMZ25332B FREESCALE-MMZ25332B Datasheet
543Kb / 10P
Heterojunction Bipolar Transistor
logo
NXP Semiconductors
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMZ25332BT1 NXP-MMZ25332BT1 Datasheet
640Kb / 19P
Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
More results


Similar Description - MMZ25332B4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NGA-489 ETC-NGA-489 Datasheet
295Kb / 4P
InGaP/GaAs HBT MMIC Amplifier
logo
SIRENZA MICRODEVICES
NGA-489 SIRENZA-NGA-489 Datasheet
418Kb / 5P
InGaP/GaAs HBT MMIC Amplifier
logo
Analog Devices
HMC326MS8G AD-HMC326MS8G_17 Datasheet
1Mb / 6P
GaAs InGaP HBT MMIC DRIVER AMPLIFIER
HMC406MS8G AD-HMC406MS8G Datasheet
438Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC407MS8G AD-HMC407MS8G Datasheet
322Kb / 6P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC413QS16G AD-HMC413QS16G Datasheet
415Kb / 8P
GaAs InGaP HBT MMIC v
HMC414MS8G AD-HMC414MS8G Datasheet
379Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
HMC450QS16G AD-HMC450QS16G Datasheet
362Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER
logo
NXP Semiconductors
MMZ25333B NXP-MMZ25333B Datasheet
1Mb / 19P
InGaP GaAs HBT
Rev. 1, 8/2014
MMZ27333B NXP-MMZ27333B Datasheet
1Mb / 17P
InGaP GaAs HBT
Rev. 1, 02/2017
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com