Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APW7506 Datasheet (PDF) - Anpec Electronics Coropration

APW7506 Datasheet PDF - Anpec Electronics Coropration
Part # APW7506
Download  APW7506 Download
File Size   210.52 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 1.5A(peak) Synchronous Buck Regulator

APW7506 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7506 Datasheet PDF - Anpec Electronics Coropration

Part # APW7506
Download  APW7506 Click to download

File Size   210.52 Kbytes
Page   20 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1.5MHz, 1.5A(peak) Synchronous Buck Regulator

APW7506 Datasheet (HTML) - Anpec Electronics Coropration


APW7506 Product details

General Description
APW7506 is a 1.5MHz high efficiency monolithic synchronous buck regulator. Design with current mode scheme,
the APW7506 is stable with ceramic output capacitor. Input voltage from 3V to 5.5V makes the APW7506 ideally
suited for single Li-Ion battery powered applications. 100%
duty cycle provides low dropout operation, extending battery life in portable electrical devices. The internally fixed
1.5MHz operating frequency allows the using of small
surface mount inductors and capacitors. The synchronous switches included inside increase the efficiency
and eliminate the need of an external Schottky diode.
The APW7506 is available in SOT-23-5/TSOT-23-5A
packages.

Features
· 1.5A Output Peak Current
· Wide 3V~5.5V Input Voltage
· Fixed 1.5MHz Switching Frequency
· Low Dropout Operating at 100% Duty Cycle
· 30mA Quiescent Current
· Integrate Synchronous Rectifier
· 0.6V Reference Voltage
· Current-Mode Operation with Internal
Compensation
- Stable with Ceramic Output Capacitors
- Fast Line Transient Response
· Short-Circuit Protection
· Over-Temperature Protection with Hysteresis
· Available in SOT-23-5/TSOT-23-5A Packages
· Lead Free and Green Devices Available
(RoHS Compliant)

Applications
· HD STB
· BT Mouse
· PND Instrument
· Portable Instrument




Similar Part No. - APW7506

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
APW7506C ANPEC-APW7506C Datasheet
309Kb / 20P
1.5MHz, 1A Synchronous Buck Regulator
More results


Similar Description - APW7506

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7104A ANPEC-APW7104A Datasheet
267Kb / 16P
1.5MHz, 1A Synchronous Buck Regulator
APW7504 ANPEC-APW7504 Datasheet
300Kb / 17P
1.5MHz, 1.5A Synchronous Buck Regulator
APW7506A ANPEC-APW7506A Datasheet
220Kb / 19P
1.5MHz, 1A Synchronous Buck Regulator
logo
ACE Technology Co., LTD...
ACE7215C ACE-ACE7215C Datasheet
1,013Kb / 10P
1.5A 1.5MHz Synchronous Buck Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8027 BELLING-BL8027 Datasheet
722Kb / 5P
1.5A 1.5MHz Synchronous Buck Converter
logo
Feeling Technology Corp...
FP6162 FEELING-FP6162 Datasheet
813Kb / 19P
1.5MHz, 1.5A Synchronous Step-Down Regulator
logo
Major-Power Technology ...
MA5001 MPOWER-MA5001 Datasheet
544Kb / 12P
1.5A 1.5MHz Synchronous Buck Converter
MA6001 MPOWER-MA6001 Datasheet
357Kb / 10P
Dual 1.5A 1.5MHz Synchronous Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com