Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25LC160B-I/MSG Datasheet (PDF) - Microchip Technology

25LC160B-I/MSG Datasheet PDF - Microchip Technology
Part # 25LC160B-I/MSG
Download  25LC160B-I/MSG Download
File Size   521.74 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K SPI Bus Serial EEPROM

25LC160B-I/MSG Datasheet (PDF)

Go To PDF Page Download Datasheet
25LC160B-I/MSG Datasheet PDF - Microchip Technology

Part # 25LC160B-I/MSG
Download  25LC160B-I/MSG Click to download

File Size   521.74 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 16K SPI Bus Serial EEPROM

25LC160B-I/MSG Datasheet (HTML) - Microchip Technology


25LC160B-I/MSG Product details

Description
The Microchip Technology Inc. 25AA160A/B, 25LC160A/B (25XX160A/B*) are 16 Kbit Serial Electrically Erasable PROMs. The memory is accessed via a simple Serial Peripheral Interface™ (SPI™) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines. Access to the device is controlled through a Chip Select (CS) input.

Features
• Max. clock 10 MHz
• Low-power CMOS technology
• 2048 x 8-bit organization
• 16 byte page (‘A’ version devices)
• 32 byte page (‘B’ version devices)
• Write cycle time: 5 ms max.
• Self-timed ERASE and WRITE cycles
• Block write protection
    - Protect none, 1/4, 1/2 or all of array
• Built-in write protection
    - Power-on/off data protection circuitry
    - Write enable latch
    - Write-protect pin
• Sequential read
• High reliability
    - Endurance: 1,000,000 erase/write cycles
    - Data retention: > 200 years
    - ESD protection: > 4000V
• Temperature ranges supported;
    - Industrial (I): -40°C to +85°C
    - Automotive (E): -40°C to +125°C
           




Similar Part No. - 25LC160B-I/MSG

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC160B-I/MSG MICROCHIP-25LC160B-I/MSG Datasheet
441Kb / 24P
16K SPI Bus Serial EEPROM
2006
More results


Similar Description - 25LC160B-I/MSG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C160 FAIRCHILD-NM25C160 Datasheet
100Kb / 10P
16K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA080 MICROCHIP-25AA080 Datasheet
92Kb / 12P
8K/16K 1.8V SPI Bus Serial EEPROM
1996
25C080 MICROCHIP-25C080 Datasheet
85Kb / 12P
8K/16K 5.0V SPI Bus Serial EEPROM
1996
25LC080 MICROCHIP-25LC080 Datasheet
86Kb / 12P
8K/16K 2.5V SPI O Bus Serial EEPROM
1996
25AA160 MICROCHIP-25AA160 Datasheet
320Kb / 22P
16K SPI Bus Serial EEPROM
2004
25LC160A MICROCHIP-25LC160A_06 Datasheet
441Kb / 24P
16K SPI Bus Serial EEPROM
2006
25AA160C MICROCHIP-25AA160C Datasheet
508Kb / 30P
16K SPI Bus Serial EEPROM
2009
25AA160 MICROCHIP-25AA160_13 Datasheet
327Kb / 22P
16K SPI Bus Serial EEPROM
10/26/12
25AA160C MICROCHIP-25AA160C_12 Datasheet
990Kb / 34P
16K SPI Bus Serial EEPROM
11/29/12
25C160 MICROCHIP-25C160 Datasheet
241Kb / 22P
16K SPI Bus Serial EEPROM
07/12/04
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com