Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7121 Datasheet (PDF) - Intersil Corporation

ICL7121 Datasheet PDF - Intersil Corporation
Part # ICL7121
Download  ICL7121 Download
File Size   607.59 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Bit Multiplying Microprocessor-Compatible D/A Converter

ICL7121 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICL7121 Datasheet PDF - Intersil Corporation

Part # ICL7121
Download  ICL7121 Click to download

File Size   607.59 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16-Bit Multiplying Microprocessor-Compatible D/A Converter

ICL7121 Datasheet (HTML) - Intersil Corporation


ICL7121 Product details

Description

The ICL7121 achieves 0.003% linearity without laser trimming by combining a four quadrant multiplying DAC using thin film resistors with an on-chip PROM-controlled correction circuit. Silicon-gate CMOS circuitry keeps the power dissipation very low.



Features

• 16-Bit Resolution

• Low Integral Linearity Error -0.003% FSR

• Monotonic to 16 Bits Over Full Military Temperature Range (LM Grade)

• Microprocessor Compatible with Buffered Inputs

• Bipolar Application Requires No External Resistors

• Output Current Settling Time 3µs Max (1µs Typ)

• Low Linerarity and Gain Temperature Coefficients

• Low Power Dissipation (25mW)

• Full Four-Quadrant Multiplication

• Low Differential Nonlinearity Error at Bipolor Zero




Similar Part No. - ICL7121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7126 MAXIM-ICL7126 Datasheet
377Kb / 8P
Low Power, 3쩍 Digit A/D Converter
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
ICL7126 INTERSIL-ICL7126 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
469Kb / 15P
3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
More results


Similar Description - ICL7121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
14-Bit Multiplying Microprocessor-Compatible D/A Converter
December 1997
ICL8052 INTERSIL-ICL8052 Datasheet
198Kb / 21P
14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
August 1997
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Exar Corporation
MP7626 EXAR-MP7626 Datasheet
118Kb / 12P
Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
logo
C&D Technologies
DAC-7134B CANDD-DAC-7134B Datasheet
584Kb / 6P
14-BIT MICROPROCESSOR-COMPATIBLE MULTIPLYING D/A CONVERTERS
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
November 2000
logo
Analog Devices
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com