Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCA1-80MH Datasheet (PDF) - Mini-Circuits

MCA1-80MH Datasheet PDF - Mini-Circuits
Part # MCA1-80MH
Download  MCA1-80MH Download
File Size   143.13 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer WIDE BAND

MCA1-80MH Datasheet (PDF)

Go To PDF Page Download Datasheet
MCA1-80MH Datasheet PDF - Mini-Circuits

Part # MCA1-80MH
Download  MCA1-80MH Click to download

File Size   143.13 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Frequency Mixer WIDE BAND

MCA1-80MH Datasheet (HTML) - Mini-Circuits


MCA1-80MH Product details

Features
• wide bandwidth, 2800 to 8000 MHz
• low conversion loss, 5.6 dB typ.
• high L-R isolation, 27 dB typ.
• IF, DC to 1250 MHz
• LTCC double balanced mixer
• low cost
• low profile, 0.08"

Applications
• satellite up and down converters
• line of sight links
• defense radar
• defense communication




Similar Part No. - MCA1-80MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA1-80H MINI-MCA1-80H Datasheet
162Kb / 2P
Frequency Mixer WIDE BAND
MCA1-80H+ MINI-MCA1-80H+ Datasheet
162Kb / 2P
Frequency Mixer WIDE BAND
MCA1-80H+ MINI-MCA1-80H+ Datasheet
261Kb / 1P
FREQUENCY MIXERS
MCA1-80LH MINI-MCA1-80LH Datasheet
163Kb / 2P
Frequency Mixer wide bacd Level 10 (LO Power 10dBm) 2800 to 8000 MHz
More results


Similar Description - MCA1-80MH

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA1-60MH MINI-MCA1-60MH Datasheet
176Kb / 2P
Frequency Mixer WIDE BAND
SIM-24MH MINI-SIM-24MH Datasheet
371Kb / 2P
Frequency Mixer wide band
SIM-43MH MINI-SIM-43MH Datasheet
348Kb / 2P
Frequency Mixer wide band
SIM-63LH MINI-SIM-63LH Datasheet
434Kb / 2P
Frequency Mixer wide band
SIM-153MH MINI-SIM-153MH Datasheet
389Kb / 2P
Frequency Mixer wide band
ZX05-14 MINI-ZX05-14 Datasheet
276Kb / 2P
Frequency Mixer wide band
ZX05-43 MINI-ZX05-43 Datasheet
298Kb / 2P
Frequency Mixer wide band
ZX05-43MH MINI-ZX05-43MH Datasheet
288Kb / 2P
Frequency Mixer wide band
ZX05-14H MINI-ZX05-14H Datasheet
312Kb / 2P
Frequency Mixer wide band
ZX05-762H MINI-ZX05-762H Datasheet
300Kb / 2P
Frequency Mixer wide band
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com